Electronic Components Datasheet Search
  English  ▼

X  

IL3085 Datasheet(PDF) 15 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 15 Page - NVE Corporation

Back Button IL3085 Datasheet HTML 11Page - NVE Corporation IL3085 Datasheet HTML 12Page - NVE Corporation IL3085 Datasheet HTML 13Page - NVE Corporation IL3085 Datasheet HTML 14Page - NVE Corporation IL3085 Datasheet HTML 15Page - NVE Corporation IL3085 Datasheet HTML 16Page - NVE Corporation IL3085 Datasheet HTML 17Page - NVE Corporation IL3085 Datasheet HTML 18Page - NVE Corporation IL3085 Datasheet HTML 19Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
IL3085
15
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Recommended Pad Layouts
4 mm x 5 mm 16-pin QSOP Pad Layout
0.275 (6.99)
0.025 (0.635)
Dimensions in inches (mm); scale = approx. 5X
0.160 (4.05)
0.012 (0.30)
16 PLCS
0.15" 16-pin SOIC Pad Layout
0.050 (1.27)
0.275 (6.99)
0.020 (0.51)
16 PLCS
0.160 (4.06)
Dimensions in inches (mm); scale = approx. 5X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com