Electronic Components Datasheet Search
  English  ▼

X  

IL3085 Datasheet(PDF) 18 Page - NVE Corporation

Part # IL3085
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085 Datasheet(HTML) 18 Page - NVE Corporation

Back Button IL3085 Datasheet HTML 12Page - NVE Corporation IL3085 Datasheet HTML 13Page - NVE Corporation IL3085 Datasheet HTML 14Page - NVE Corporation IL3085 Datasheet HTML 15Page - NVE Corporation IL3085 Datasheet HTML 16Page - NVE Corporation IL3085 Datasheet HTML 17Page - NVE Corporation IL3085 Datasheet HTML 18Page - NVE Corporation IL3085 Datasheet HTML 19Page - NVE Corporation IL3085 Datasheet HTML 20Page - NVE Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
IL3085
18
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Revision History
ISB-DS-001-IL3085-J
November 2023
Change
• Added 125 °C version (IL3085TE).
ISB-DS-001-IL3085-I
Changes
• Upgrade to VDE 0884-17 (p. 3).
• Increased Working Voltage ratings based on latest VDE testing (p. 3).
• Separate power consumption specifications section; added dynamic power consumption (p. 6).
• Updated thermal specifications (p. 7).
• Updated EMC standards.
ISB-DS-001-IL3085-H
Change
• Improved thermal specifications based on new test data (p. 2).
ISB-DS-001-IL3085-G
Change
• Updated from IEC 60747-5-5 (VDE 0884) certification to VDE V 0884-10.
ISB-DS-001-IL3085-F
Change
• Increased IL3085-1E (QSOP) creepage specification from 2.75 mm to 3.2 mm (p. 2).
ISB-DS-001-IL3085-E
Changes
• Added QSOP version (-1 suffix).
• Revised and added details to thermal characteristic specifications (p. 2).
• Added VDE 0884 Safety-Limiting Values (p. 3).
ISB-DS-001-IL3085-D
Changes
• IEC 60747-5-5 (VDE 0884) certification.
• Upgraded from MSL 2 to MSL 1.
ISB-DS-001-IL3085-C
Changes
• Increased transient immunity specifications based on additional data.
• Noted UL 1577 recognition, IEC 61010-1 approval, and VDE 0884 pending.
• Added transient immunity specifications.
• Added high voltage endurance specification.
• Increased magnetic immunity specifications.
• Updated package outline drawings and added recommended solder pad dimensions.
ISB-DS-001-IL3085-A
December 2012
Change
• Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com