Electronic Components Datasheet Search
  English  ▼

X  

IL3085E Datasheet(PDF) 7 Page - NVE Corporation

Part # IL3085E
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085E Datasheet(HTML) 7 Page - NVE Corporation

Back Button IL3085E Datasheet HTML 3Page - NVE Corporation IL3085E Datasheet HTML 4Page - NVE Corporation IL3085E Datasheet HTML 5Page - NVE Corporation IL3085E Datasheet HTML 6Page - NVE Corporation IL3085E Datasheet HTML 7Page - NVE Corporation IL3085E Datasheet HTML 8Page - NVE Corporation IL3085E Datasheet HTML 9Page - NVE Corporation IL3085E Datasheet HTML 10Page - NVE Corporation IL3085E Datasheet HTML 11Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IL3085
7
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Switching Characteristics
VDD1 = 5 V, VDD2 = 5 V
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
4
Mbps
RL = 54 Ω, CL = 50 pF
Propagation Delay(4)
tPD
48
150
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Pulse Skew(5)
tSK(P)
6
15
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Output Enable Time To High Level
tPZH
33
50
ns
CL = 15 pF
Output Enable Time To Low Level
tPZL
33
50
ns
CL = 15 pF
Output Disable Time From High Level
tPHZ
33
50
ns
CL = 15 pF
Output Disable Time From Low Level
tPLZ
33
50
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High to Logic Low)
|CMH|,|CML|
30
50
kV/μs
VCM = 1500 VDC
tTRANSIENT = 25 ns
VDD1 = 3.3 V, VDD2 = 5 V
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Data Rate
4
Mbps
RL = 54 Ω, CL = 50 pF
Propagation
Delay(4)
−40 to +85 °C
−40 to +125 °C
tPD
48
58
150
155
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Pulse Skew(5)
tSK(P)
6
20
ns
VO = −1.5 to 1.5 V,
CL = 15 pF
Output Enable Time To High Level
tPZH
33
50
ns
CL = 15 pF
Output Enable Time To Low Level
tPZL
33
50
ns
CL = 15 pF
Output Disable Time From High
Level
tPHZ
33
50
ns
CL = 15 pF
Output Disable Time From Low Level
tPLZ
33
50
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High to Logic Low)
|CMH|,|CML|
30
50
kV/μs
VCM = 1500 VDC
tTRANSIENT = 25 ns
Magnetic Field Immunity(7)
VDD1 = 5 V, VDD2 = 5 V
Power Frequency Magnetic Immunity
HPF
3500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
4500
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
4500
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(8)
KX
2.5
VDD1 = 3.3 V, VDD2 = 5 V
Power Frequency Magnetic Immunity
HPF
1500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
2000
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
2000
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(8)
KX
2.5
Thermal Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Junction–Ambient
Thermal Resistance
QSOP
0.15" SOIC
0.3" SOIC
θ
JA
100
82
67
°C/W
Double-sided PCB in
free air
Junction–Case (Top)
Thermal Resistance
QSOP
0.15" SOIC
0.3" SOIC
θ
JC
9
8
12
Junction–Ambient
Thermal Resistance
0.3" SOIC
θ
JA
46
2s2p PCB in free air
per JESD51
Junction–Case (Top)
Thermal Resistance
θ
JC
9
Power Dissipation
QSOP
0.15" SOIC
0.3" SOIC
PD
675
700
1500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com