Electronic Components Datasheet Search
  English  ▼

X  

IL3085E Datasheet(PDF) 8 Page - NVE Corporation

Part # IL3085E
Description  Low-Cost Isolated RS-485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL3085E Datasheet(HTML) 8 Page - NVE Corporation

Back Button IL3085E Datasheet HTML 4Page - NVE Corporation IL3085E Datasheet HTML 5Page - NVE Corporation IL3085E Datasheet HTML 6Page - NVE Corporation IL3085E Datasheet HTML 7Page - NVE Corporation IL3085E Datasheet HTML 8Page - NVE Corporation IL3085E Datasheet HTML 9Page - NVE Corporation IL3085E Datasheet HTML 10Page - NVE Corporation IL3085E Datasheet HTML 11Page - NVE Corporation IL3085E Datasheet HTML 12Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
IL3085
8
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Notes:
1.
All voltages are with respect to network ground except differential I/O bus voltages.
2.
Differential input/output voltage is measured at the noninverting terminal A with respect to the inverting terminal B.
3.
Δ|VOD| and Δ|VOC| are the changes in magnitude of VOD and VOC, respectively, that occur when the input is changed from one logic state to
the other.
4.
Includes 10 ns read enable time. Maximum propagation delay is 25 ns after read assertion.
5.
Pulse skew is defined as |tPLH – tPHL| of each channel.
6.
Absolute Maximum specifications mean the device will not be damaged if operated under these conditions. It does not guarantee
performance.
7.
The relevant test and measurement methods are given in the Electromagnetic Compatibility section on p. 9.
8.
External magnetic field immunity is improved by this factor if the field direction is “end-to-end” rather than to “pin-to-pin.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com