Electronic Components Datasheet Search
  English  ▼

X  

IL700V Datasheet(PDF) 6 Page - NVE Corporation

Part # IL700V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL700V Datasheet(HTML) 6 Page - NVE Corporation

Back Button IL700V Datasheet HTML 2Page - NVE Corporation IL700V Datasheet HTML 3Page - NVE Corporation IL700V Datasheet HTML 4Page - NVE Corporation IL700V Datasheet HTML 5Page - NVE Corporation IL700V Datasheet HTML 6Page - NVE Corporation IL700V Datasheet HTML 7Page - NVE Corporation IL700V Datasheet HTML 8Page - NVE Corporation IL700V Datasheet HTML 9Page - NVE Corporation IL700V Datasheet HTML 10Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
V-Series Isolators
6
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
IL260V Pin Connections
1
IN1
Input 1
2
GND1
Ground*
3
IN2
Input 2
4
IN3
Input 3
5
IN4
Input 4
6
VDD1
Supply Voltage 1
7
IN5
Input 5
8
GND1
Ground*
9
GND2
Ground*
10
OUT5
Output 5
11
OUT4
Output 4
12
OUT3
Output 3
13
OUT2
Output 2
14
OUT1
Output 1
15
GND2
Ground*
16
VDD2
Supply Voltage 2
IN
1
V
DD2
GND
1
GND
2
IN
2
OUT
1
IN
3
OUT
2
IN
4
OUT
3
V
DD1
IN
5
OUT
4
OUT
5
GND
1
GND
2
IL260V
IL261V Pin Connections
1
VDD1
Supply Voltage 1
2
GND1
Ground*
3
IN1
Input 1
4
IN2
Input 2
5
IN3
Input 3
6
IN4
Input 4
7
OUT5
Output 5
8
GND1
Ground*
9
GND2
Ground*
10
IN5
Input 5
11
OUT4
Output 4
12
OUT3
Output 3
13
OUT2
Output 2
14
OUT1
Output 1
15
GND2
Ground*
16
VDD2
Supply Voltage 2
V
DD1
V
DD2
GND
1
GND
2
IN
1
OUT
1
IN
2
OUT
2
IN
3
OUT
3
IN
4
OUT
5
OUT
4
IN
5
GND
1
GND
2
IL261V
IL262V Pin Connections
1
VDD1
Supply Voltage 1
2
GND1
Ground*
3
IN1
Input 1
4
IN2
Input 2
5
IN3
Input 3
6
OUT4
Output 4
7
OUT5
Output 5
8
GND1
Ground*
9
GND2
Ground*
10
IN5
Input 5
11
IN4
Input 4
12
OUT3
Output 3
13
OUT2
Output 2
14
OUT1
Output 1
15
GND2
Ground*
16
VDD2
Supply Voltage 2
V
DD1
V
DD2
GND
1
GND
2
IN
1
OUT
1
IN
2
OUT
2
IN
3
OUT
3
OUT
4
OUT
5
IN
4
IN
5
GND
1
GND
2
IL262V
*NOTE: Pins 2 and 8 are internally connected, as are pins 9 and 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com