Electronic Components Datasheet Search
  English  ▼

X  

IL700V Datasheet(PDF) 7 Page - NVE Corporation

Part # IL700V
Description  High Isolation Voltage Digital Isolators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL700V Datasheet(HTML) 7 Page - NVE Corporation

Back Button IL700V Datasheet HTML 3Page - NVE Corporation IL700V Datasheet HTML 4Page - NVE Corporation IL700V Datasheet HTML 5Page - NVE Corporation IL700V Datasheet HTML 6Page - NVE Corporation IL700V Datasheet HTML 7Page - NVE Corporation IL700V Datasheet HTML 8Page - NVE Corporation IL700V Datasheet HTML 9Page - NVE Corporation IL700V Datasheet HTML 10Page - NVE Corporation IL700V Datasheet HTML 11Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
V-Series Isolators
7
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
3.3 Volt Electrical Specifications (Tmin to Tmax unless otherwise stated)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Quiescent Supply Current
IL260V
IDD1
300
400
μA
IL261V
1.2
1.75
mA
IL262V
2.4
3.5
mA
IL711V
8
10
μA
IL721V
1.2
1.75
mA
IL715V
16
20
μA
IL716V
2.4
3.5
mA
IL717V
1.2
1.75
mA
Output Quiescent Supply Current
IL260V
IDD2
6
8.75
mA
IL261V
4.8
7
mA
IL262V
4.8
7
mA
IL711V
2.4
3.5
mA
IL721V
1.2
1.75
mA
IL715V
4.8
7
mA
IL716V
2.4
3.5
mA
IL717V
3.6
5.25
mA
Logic Input Current
II
−10
10
μA
Logic High Output Voltage
VOH
VDD – 0.1
VDD
V
IO = −20 μA, VI = VIH
0.8 x VDD
0.9 x VDD
IO = −4 mA, VI = VIH
Logic Low Output Voltage
VOL
0
0.1
V
IO = 20 μA, VI = VIL
0.5
0.8
IO = 4 mA, VI = VIL
Switching Specifications (VDD = 3.3 V)
Maximum Data Rate
100
110
Mbps
CL = 15 pF
Pulse Width(7)
PW
10
7.5
ns
50% Points, V
O
Propagation Delay Input to Output
(High to Low)
tPHL
12
18
ns
CL = 15 pF
Propagation Delay Input to Output
(Low to High)
tPLH
12
18
ns
CL = 15 pF
Pulse Width Distortion(2)
PWD
2
3
ns
CL = 15 pF
Propagation Delay Skew(3)
tPSK
4
6
ns
CL = 15 pF
Output Rise Time (10%–90%)
tR
2
4
ns
CL = 15 pF
Output Fall Time (10%–90%)
tF
2
4
ns
CL = 15 pF
Common Mode Transient Immunity
(Output Logic High or Logic Low)(4)
|CMH|,|CML|
30
50
kV/μs
V
CM = 1500 VDC
t
TRANSIENT = 25 ns
Channel-to-Channel Skew
t
CSK
2
3
ns
CL = 15 pF
Dynamic Power Consumption(6)
140
240
μA/Mbps
per channel
Magnetic Field Immunity(8) (VDD2= 3V, 3V<VDD1<5.5V)
Power Frequency Magnetic Immunity
HPF
1000
1500
A/m
50Hz/60Hz
Pulse Magnetic Field Immunity
HPM
1800
2000
A/m
tp = 8µs
Damped Oscillatory Magnetic Field
HOSC
1800
2000
A/m
0.1Hz – 1MHz
Cross-axis Immunity Multiplier(9)
KX
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com