Electronic Components Datasheet Search
  English  ▼

X  

IL710 Datasheet(PDF) 3 Page - NVE Corporation

Part # IL710
Description  High Speed Single-Channel Digital Isolators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL710 Datasheet(HTML) 3 Page - NVE Corporation

  IL710 Datasheet HTML 1Page - NVE Corporation IL710 Datasheet HTML 2Page - NVE Corporation IL710 Datasheet HTML 3Page - NVE Corporation IL710 Datasheet HTML 4Page - NVE Corporation IL710 Datasheet HTML 5Page - NVE Corporation IL710 Datasheet HTML 6Page - NVE Corporation IL710 Datasheet HTML 7Page - NVE Corporation IL710 Datasheet HTML 8Page - NVE Corporation IL710 Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IL710
3
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
Safety and Approvals
IEC 60747-17 (VDE 0884-17):2021-10
(Basic Isolation; VDE File Number 5016933-4880-0001):
• Isolation voltage (VISO): 2500 VRMS
• Transient overvoltage (VIOTM): 4000 VPK
• Surge rating 4000 V
• Each part tested at 1590 VPK for 1 second, 5 pC partial discharge limit
• Samples tested at 4000 VPK for 60 sec.; then 1358 VPK for 10 sec. with 5 pC partial discharge limit
• Working Voltage (VIORM; pollution degree 2):
Package
Part No.
Suffix
Working
Voltage
MSOP8
-1
800 VRMS
SOIC8
-3
700 VRMS
PDIP8
-2
900 VRMS
Safety-Limiting Values
Symbol
Value
Units
Safety rating ambient temperature
TS
180
°C
Safety rating power (180°C)
PS
270
mW
Supply current safety rating (total of supplies)
IS
54
mA
UL 1577
(Component Recognition Program File Number E207481)
• 2500 V isolation rating for all types except IL710-1E.
• Each part other than IL710-1E tested at 3000 VRMS (4240 VPK) for 1 second; each lot sample tested at 2500 VRMS (3530 VPK) for 1 minute.
• IL710-1E isolation rating 1000 V; tested at 1200 VRMS (1768 VPK) for 1 second; each lot sample tested at 1500 VRMS (2121 VPK) for 1 minute.
Soldering Profile
Per JEDEC J-STD-020C, MSL 1
IL710 Pin Connections
1
VDD1
Supply voltage
2
IN
Data In
3
NC
No internal connection
4
GND1
Ground return for VDD1
5
GND2
Ground return for VDD2
6
OUT
Data Out
7
VOE
Output enable.
Internally held low with 100 kΩ
8
VDD2
Supply voltage
V
DD1
V
DD2
IN
V
OE
NC
OUT
GND
1
GND
2
IL710
Timing Diagram
Legend
tPLH
Propagation Delay, Low to High
tPHL
Propagation Delay, High to Low
tPW
Minimum Pulse Width
tPLZ
Propagation Delay, Low to High Impedance
tPZH
Propagation Delay, High Impedance to High
tPHZ
Propagation Delay, High to High Impedance
tPZL
Propagation Delay, High Impedance to Low
tR
Rise Time
tF
Fall Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com