Electronic Components Datasheet Search
  English  ▼

X  

IL710 Datasheet(PDF) 8 Page - NVE Corporation

Part # IL710
Description  High Speed Single-Channel Digital Isolators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL710 Datasheet(HTML) 8 Page - NVE Corporation

Back Button IL710 Datasheet HTML 4Page - NVE Corporation IL710 Datasheet HTML 5Page - NVE Corporation IL710 Datasheet HTML 6Page - NVE Corporation IL710 Datasheet HTML 7Page - NVE Corporation IL710 Datasheet HTML 8Page - NVE Corporation IL710 Datasheet HTML 9Page - NVE Corporation IL710 Datasheet HTML 10Page - NVE Corporation IL710 Datasheet HTML 11Page - NVE Corporation IL710 Datasheet HTML 12Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IL710
8
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
80 ns
Application Information
Isolator Operation
An equivalent circuit is shown below:
Data
In
Data
Out
Field
Isolator Signal Path
The GMR isolator signal path starts with a buffered input signal that is
driven through an ultraminiature coil. This generates a small magnetic
field that changes the electron spin polarization of GMR resistors,
which are configured as a Wheatstone bridge. The change in spin
polarization of the resistors creates a bridge voltage which drives an
output comparator to construct an isolated version of the input signal.
Small Size, High Speed, and Low EMI
The coil, GMR, and circuitry are integrated to allow small
packages. GMR is inherently high speed and low distortion, and
unlike transformers, does not rely on energy transfer, so power is
low and EMI emissions are minimal.
High Magnetic Immunity
GMR provides large signals which improve magnetic immunity,
and the Wheatstone bridge configuration cancels ambient common-
mode magnetic fields, further enhancing immunity to external
magnetic fields.
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the
limits stated in the specifications. However, NVE recommends that
all integrated circuits be handled with appropriate care to avoid
damage. Damage caused by inappropriate handling or storage could
range from performance degradation to complete failure.
Electromagnetic Compatibility
IsoLoop Isolators have the lowest EMC footprint of any isolation
technology. IsoLoop Isolators’ Wheatstone bridge configuration
and differential magnetic field signaling ensure excellent EMC
performance against all relevant standards. These isolators are fully
compliant with IEC 61000-6-1 and IEC 61000-6-2 standards for
immunity, and IEC 61000-6-3, IEC 61000-6-4, CISPR, and FCC
Class A standards for emissions.
Immunity to external magnetic fields is even higher if the field
direction is “end-to-end” rather than to “pin-to-pin” as shown in the
diagram below:
Cross-axis Field Direction
Dynamic Power Consumption
IsoLoop Isolators achieve their low power consumption from the
way they transmit data across the isolation barrier. By detecting the
edge transitions of the input logic signal and converting these to
narrow current pulses, a magnetic field is created around the GMR
Wheatstone bridge. Depending on the direction of the magnetic
field, the bridge causes the output comparator to switch following
the input logic signal. Since the current pulses are narrow, about
2.5 ns, the power consumption is independent of mark-to-space
ratio and solely dependent on frequency. This has obvious
advantages over optocouplers, which have power consumption
heavily dependent on mark-to-space ratio.
Power Supply Decoupling
Both power supplies should be decoupled with 0.1 µF typical
(0.047 µF minimum) capacitors as close as possible to the VDD
pins. Ground planes for both GND1 and GND2 are highly
recommended for data rates above 10 Mbps.
Signal Status on Start-Up and Shut Down
To minimize power dissipation, input signals are differentiated and
then latched on the output side of the isolation barrier to reconstruct
the signal. This could result in an ambiguous output state
depending on power up, shutdown and power loss sequencing.
Therefore, the designer should consider including an initialization
signal in the start-up circuit. Initialization consists of toggling the
input either high then low, or low then high.
Data Transmission Rates
The reliability of a transmission system is directly related to the
accuracy and quality of the transmitted digital information. For a digital
system, those parameters which determine the limits of the data
transmission are pulse width distortion and propagation delay skew.
Propagation delay is the time taken for the signal to travel through
the device. This is usually different when sending a low-to-high
than when sending a high-to-low signal. This difference, or error, is
called pulse width distortion (PWD) and is usually in nanoseconds.
It may also be expressed as a percentage:
PWD% = Maximum Pulse Width Distortion (ns)
x 100%
Signal Pulse Width (ns)
For example, with data rates of 12.5 Mbps:
PWD% = 3 ns
x 100% = 3.75%
This figure is almost three times better than any available
optocoupler with the same temperature range, and two times better
than any optocoupler regardless of published temperature range.
IsoLoop isolators exceed the 10% maximum PWD recommended
by PROFIBUS, and will run to nearly 35 Mb within the 10% limit.
Propagation delay skew is the signal propagation difference
between two or more channels. This becomes significant in clocked
systems because it is undesirable for the clock pulse to arrive
before the data has settled. Short propagation delay skew is
therefore especially critical in high data rate parallel systems for
establishing and maintaining accuracy and repeatability. Worst-
case channel-to-channel skew in an IL700 Isolator is only 3 ns,
which is ten times better than any optocoupler. IL700 Isolators
have a maximum propagation delay skew of 6 ns, which is five
times better than any optocoupler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com