Electronic Components Datasheet Search
  English  ▼

X  

HT1608 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1608
Description  2×20 Channel LCD Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1608 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT1608 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1608 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1608 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1608 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1608 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1608 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1608 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1608 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1608 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Absolute Maximum Ratings*
Supply Voltage ................................. –0.3V to 7V
Storage Temperature................. –50
°C to 125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature................... 0
°C to 70°C
*Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of this device at
these or any other conditions above those indicated in the operational sections of this
specification is not implied and exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
—
—
4.5
—
5.5
V
IDD
Operating Current
5V
No load
—
100
300
µA
ISTB
Standby Current
5V
—
—
1
5
µA
FCLK2
Data Shift Frequency
5V
—
—
—
400
kHz
twCLK
Clock Pulse Width
5V
—
800
—
—
ns
VIL
“L” Input Voltage
5V
—
—
—
1
V
VIH
“H” Input Voltage
5V
—
4
—
—
V
VOL
“L” Output Voltage
5V
IOL=+0.4mA
—
—
0.4
V
VOH
“H” Output Voltage
5V
IOH=–0.4mA
4.6
—
—
V
VLCD
LCD Driving Voltage
—
VDD–VEE
5—
12
V
HT1608
6
3rd Feb ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com