Electronic Components Datasheet Search
  English  ▼

X  

IL711VE Datasheet(PDF) 1 Page - NVE Corporation

Part # IL711VE
Description  High Speed Two-Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711VE Datasheet(HTML) 1 Page - NVE Corporation

  IL711VE Datasheet HTML 1Page - NVE Corporation IL711VE Datasheet HTML 2Page - NVE Corporation IL711VE Datasheet HTML 3Page - NVE Corporation IL711VE Datasheet HTML 4Page - NVE Corporation IL711VE Datasheet HTML 5Page - NVE Corporation IL711VE Datasheet HTML 6Page - NVE Corporation IL711VE Datasheet HTML 7Page - NVE Corporation IL711VE Datasheet HTML 8Page - NVE Corporation IL711VE Datasheet HTML 9Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IL711/IL712/IL721
IsoLoop is a registered trademark of NVE Corporation.
*U.S. Patent numbers 5,831,426; 6,300,617 and others.
Rev. AO
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
High Speed Two-Channel Digital Isolators
Functional Diagrams
Features
•
High speed: 150 Mbps typical (S-Series)
•
High temperature: −40 °C to +125 °C (T-Series and V-Series
•
6 kVRMS Reinforced Isolation; 1.2 kVRMS Working Voltage (V-Series)
•
2.7 to 5.5 volt supply range
•
100 kV/μs Common Mode Transient Immunity
•
No carrier or clock for low EMI emissions and susceptibility
•
1.2 mA/channel typical quiescent current
•
300 ps typical pulse width distortion (S-Series)
•
100 ps pulse jitter
•
2 ns channel-to-channel skew
•
10 ns typical propagation delay
•
44000 year barrier life
•
Excellent magnetic immunity
•
IEC 60747-17 (VDE 0884-17):2021-10 certified; UL 1577 recognized
•
6 kVRMS Reinforced Isolation; 1.2 kVRMS Working Voltage (V-Series)
•
ATEX / IECEx certified for IS-to-IS intrinsically safe applications
•
MSOP, SOIC, PDIP, and True 8 mm creepage packages
Applications
•
Board-to-board communication
•
CANbus
•
Peripheral interfaces
•
Logic level shifting
•
Equipment covered under IEC 61010-1 Edition 3
•
5 kVRMS rated IEC 60601-1 medical applications
Description
NVE’s IL700 family of high-speed digital isolators are CMOS devices
manufactured with NVE’s patented* spintronic Giant Magnetoresistive
(GMR) technology. A unique ceramic/polymer composite barrier provides
excellent isolation and virtually unlimited barrier life.
The IL711S and IL712S are the world’s fastest two-channel isolators, with a
150 Mbps typical data rate for both channels. Standard and S-Grade parts
are specified over a temperature range of −40°C to +100°C; “T” and “V”
Grade parts have a maximum operating temperature of 125°C. V- Grade
versions offer extremely high isolation voltages of 6 kVRMS for wide-body
packages and 2.5 kVRMS for MSOPs.
The symmetric magnetic coupling barrier provides a typical propagation
delay of only 10 ns and a pulse width distortion as low as 300 ps (0.3 ns),
achieving the best specifications of any isolator. Minimum transient
immunity of 100 kV/µs is unsurpassed.
The IL711 has two transmit channels; the IL712 and IL721 have one
transmit and one receive channel. The IL721 has channels reversed to better
suit certain board layouts.
The IL711 and IL712 are available in 8-pin MSOP, SOIC, and PDIP
packages. The IL711 and IL721 are also available in NVE’s unique JEDEC-
compliant 16 pin package with True 8 mm creepage under IEC 60601.


Similar Part No. - IL711VE

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL711V NVE-IL711V Datasheet
821Kb / 15P
High Isolation Voltage Digital Isolators
More results

Similar Description - IL711VE

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL9000 HP-HCPL9000 Datasheet
449Kb / 12P
High Speed Digital Isolators
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
High Speed Digital Isolators
logo
List of Unclassifed Man...
IL715T-3E ETC2-IL715T-3E Datasheet
496Kb / 18P
High Speed Four-Channel Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO721 TI1-ISO721_15 Datasheet
1Mb / 37P
Single Channel High-Speed Digital Isolators
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX12930 MAXIM-MAX12930 Datasheet
658Kb / 20P
Two-Channel Digital Isolators
Rev 0; 6/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com