Electronic Components Datasheet Search
  English  ▼

X  

IL711VE Datasheet(PDF) 11 Page - NVE Corporation

Part # IL711VE
Description  High Speed Two-Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVE [NVE Corporation]
Direct Link  https://www.nve.com/
Logo NVE - NVE Corporation

IL711VE Datasheet(HTML) 11 Page - NVE Corporation

Back Button IL711VE Datasheet HTML 7Page - NVE Corporation IL711VE Datasheet HTML 8Page - NVE Corporation IL711VE Datasheet HTML 9Page - NVE Corporation IL711VE Datasheet HTML 10Page - NVE Corporation IL711VE Datasheet HTML 11Page - NVE Corporation IL711VE Datasheet HTML 12Page - NVE Corporation IL711VE Datasheet HTML 13Page - NVE Corporation IL711VE Datasheet HTML 14Page - NVE Corporation IL711VE Datasheet HTML 15Page - NVE Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
IL711/IL712/IL721
11
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
(952) 829-9217
www.nve.com
YouTube.com/NveCorporation
iso-apps@nve.com
80 ns
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the
limits stated in the specifications. However, NVE recommends that
all integrated circuits be handled with appropriate care to avoid
damage. Damage caused by inappropriate handling or storage could
range from performance degradation to complete failure.
Electromagnetic Compatibility
IsoLoop Isolators have the lowest EMC footprint of any isolation
technology. IsoLoop Isolators’ Wheatstone bridge configuration
and differential magnetic field signaling ensure excellent EMC
performance against all relevant standards.
These isolators are fully compliant with IEC 61000-6-1 and
IEC 61000-6-2 standards for immunity, and IEC 61000-6-3,
IEC 61000-6-4, CISPR, and FCC Class A standards for emissions.
Immunity to external magnetic fields is even higher if the field
direction is “end-to-end” rather than to “pin-to-pin” as shown in the
diagram below:
Cross-axis Field Direction
Dynamic Power Consumption
IsoLoop Isolators achieve their low power consumption from the
way they transmit data across the isolation barrier. By detecting the
edge transitions of the input logic signal and converting these to
narrow current pulses, a magnetic field is created around the GMR
Wheatstone bridge. Depending on the direction of the magnetic
field, the bridge causes the output comparator to switch following
the input logic signal. Since the current pulses are narrow, about
2.5 ns, the power consumption is independent of mark-to-space
ratio and solely dependent on frequency. This has obvious
advantages over optocouplers, which have power consumption
heavily dependent on mark-to-space ratio.
Power Supply Decoupling
Both power supplies should be decoupled with 0.1 µF typical
(0.047 µF minimum) capacitors as close as possible to the VDD
pins. Ground planes for both GND1 and GND2 are highly
recommended for data rates above 10 Mbps.
Maintaining Creepage
Creepage distances are often critical in isolated circuits. In addition to
meeting JEDEC standards, NVE isolator packages have unique creepage
specifications. Standard pad libraries often extend under the package,
compromising creepage and clearance. Similarly, ground planes, if used,
should be spaced to avoid compromising clearance. Package drawings
and recommended pad layouts are included in this datasheet.
Signal Status on Start-up and Shut Down
To minimize power dissipation, input signals are differentiated and
then latched on the output side of the isolation barrier to reconstruct
the signal. This could result in an ambiguous output state depending
on power up, shutdown and power loss sequencing. Unless the circuit
connected to the isolator performs its own power- on reset (POR), a
start-up initialization circuit should be considered. Initialization
consists of toggling the input either high then low, or low then high.
In CAN applications, the IL712 or IL721 should be used with CAN
transceivers with Dominant Timeout functions for seamless POR. Most
CAN transceivers have Dominant Timeout options. Examples include
NXP’s TJA 1050 and TJA 1040 transceivers.
Data Transmission Rates
The reliability of a transmission system is directly related to the
accuracy and quality of the transmitted digital information. For a digital
system, those parameters which determine the limits of the data
transmission are pulse width distortion and propagation delay skew.
Propagation delay is the time taken for the signal to travel through
the device. This is usually different when sending a low-to-high
than when sending a high-to-low signal. This difference, or error, is
called pulse width distortion (PWD) and is usually in nanoseconds.
It may also be expressed as a percentage:
PWD% = Maximum Pulse Width Distortion (ns)
x 100%
Signal Pulse Width (ns)
For example, with data rates of 12.5 Mbps:
PWD% = 3 ns
x 100% = 3.75%
This figure is almost three times better than any available
optocoupler with the same temperature range, and two times better
than any optocoupler regardless of published temperature range.
IsoLoop isolators exceed the 10% maximum PWD recommended
by PROFIBUS, and will run to nearly 35 Mb within the 10% limit.
Propagation delay skew is the signal propagation difference between two
or more channels. This becomes significant in clocked systems because it
is undesirable for the clock pulse to arrive before the data has settled.
Propagation delay skew is especially critical in high data rate parallel
systems for establishing and maintaining accuracy and repeatability.
Worst-case channel-to-channel skew in an IL700 Isolator is just 3 ns—
ten times better than any optocoupler. IL700 Isolators have a maximum
propagation delay skew of 6 ns— five times better than any optocoupler.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com