Electronic Components Datasheet Search
  English  ▼

X  

IT9130 Datasheet(PDF) 12 Page - ITE Tech.Inc.

Part # IT9130
Description  DVB-T Front-End Integrated Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT9130 Datasheet(HTML) 12 Page - ITE Tech.Inc.

Back Button IT9130 Datasheet HTML 8Page - ITE Tech.Inc. IT9130 Datasheet HTML 9Page - ITE Tech.Inc. IT9130 Datasheet HTML 10Page - ITE Tech.Inc. IT9130 Datasheet HTML 11Page - ITE Tech.Inc. IT9130 Datasheet HTML 12Page - ITE Tech.Inc. IT9130 Datasheet HTML 13Page - ITE Tech.Inc. IT9130 Datasheet HTML 14Page - ITE Tech.Inc. IT9130 Datasheet HTML 15Page - ITE Tech.Inc. IT9130 Datasheet HTML 16Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.ite.com.tw
IT9130 V0.0.4
8
IT9130
Note: P: Power, AIO: Analog Input/Output, DIO: Digital Input/Output, BR: Bias Resistor
Table 3-2. Pin Description of IT9135
Pin(s) No.
Symbol
Attribute
Description
1
VDD_ADC
P
RF analog power supply
2
VDD_LPF
P
RF analog power supply
3
VDD_MXR
P
RF analog power supply
4
VDD_LNA
P
RF analog power supply
5
INP_VHF
AIO
RF signal input for VHF
6
INN_UHF
AIO
RF signal input for UHF
7
VDD_LNA
P
RF analog power supply
8
VDD_BIAS
P
RF analog power supply
9
REXT
BR
External bias resistor
10
VDD33_LO
P
RF analog power supply
11
VDD_LO
P
RF analog power supply
12
VDD_CLK
P
RF analog power supply
13
XTAL
AIO
Crystal input
14
VDD_XO
P
RF analog power supply
15
RESETN
DIO
Power-on Reset (Low Active)
16
TESTMODE
DIO
Test mode selection; tied to ground for normal
operation.
17
GPIOH1
DIO
General purpose I/O
18
GPIOH2
DIO
General purpose I/O
19
GPIOH3
DIO
General purpose I/O
20
VDD1
P
Core Power
21
VDD1_OUT
P
Regulator output power for Core Usage
22
VDDIO
P
Digital I/O Power
23
IOSDA
DIO
Two-wire bus serial data line
24
IOSCL
DIO
Two-wire bus clock line
25
GPIOH4
DIO
General purpose I/O
26
NC
—
Not Connected
27
NC
—
Not Connected
28
VDDIO
P
Digital I/O Power
29
VDD1
P
Core Power
30
AVDDHP
P
Power for USB
31
DP
AIO
Differential Positive signal for USB
32
DM
AIO
Differential Negative signal for USB
33
NC
—
Not Connected
34
VDDIO
P
Digital I/O Power
35
NC
—
Not Connected
36
NC
—
Not Connected
37
NC
—
Not Connected
38
GPIOH5
DIO
General purpose I/O
39
VDDIO
P
Digital I/O Power
40
GPIOH6
DIO
General purpose I/O
41
GPIOH7
DIO
General purpose I/O; IR
42
GPIOH8
DIO
General purpose I/O
43
VDD1
P
Core Power
44
NC
—
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com