Electronic Components Datasheet Search
  English  ▼

X  

IT9130 Datasheet(PDF) 13 Page - ITE Tech.Inc.

Part # IT9130
Description  DVB-T Front-End Integrated Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.

IT9130 Datasheet(HTML) 13 Page - ITE Tech.Inc.

Back Button IT9130 Datasheet HTML 9Page - ITE Tech.Inc. IT9130 Datasheet HTML 10Page - ITE Tech.Inc. IT9130 Datasheet HTML 11Page - ITE Tech.Inc. IT9130 Datasheet HTML 12Page - ITE Tech.Inc. IT9130 Datasheet HTML 13Page - ITE Tech.Inc. IT9130 Datasheet HTML 14Page - ITE Tech.Inc. IT9130 Datasheet HTML 15Page - ITE Tech.Inc. IT9130 Datasheet HTML 16Page - ITE Tech.Inc. IT9130 Datasheet HTML 17Page - ITE Tech.Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.ite.com.tw
IT9130 V0.0.4
9
Pin Description
Pin(s) No.
Symbol
Attribute
Description
45
VDDAH_REG
P
RF analog power supply
46
REG_OUT
P
Regulator output for RF usage
47
ATESTN
AIO
Negative I/O for internal testing (Not Connected)
48
ATESTP
AIO
Positive I/O for internal testing (Not Connected)
Note: P: Power, AIO: Analog Input/Output, DIO: Digital Input/Output, BR: Bias Resistor
Table 3-3. Pin Description of IT9137
Pin(s) No.
Symbol
Attribute
Description
1
ATESTP
AIO
Positive I/O for internal testing (Not Connected)
2
VDD _ ADC
P
RF analog power supply
3
VDD_ LPF
P
RF analog power supply
4
VDD_ MXR
P
RF analog power supply
5
VDD_ LNA
P
RF analog power supply
6
INP_VHF
AIO
RF signal input for VHF
7
NC
—
Not Connected.
8
INN_UHF
AIO
RF signal input for UHF
9
VDD_ LNA
P
RF analog power supply
10
VDD_ BIAS
P
RF analog power supply
11
REXT
BR
External bias resistor
12
VDD33_ LO
P
RF analog power supply
13
VDD_LO
P
RF analog power supply
14
VDD_CLK
P
RF analog power supply
15
XTAL
AIO
Crystal input
16
VDD_XO
P
RF analog power supply
17
NC
—
Not Connected
18
RESETN
DIO
Power-on Reset (Low Active)
19
TESTMODE
DIO
Test mode selection; tied to ground for normal
operation.
20
GPIOH1
DIO
General purpose I/O
21
GPIOH2
DIO
General purpose I/O
22
GPIOH3
DIO
General purpose I/O
23
VDD1
P
Core Power
24
VDD1_OUT
P
Regular output power for Core Usage
25
VDDIO
P
Digital I/O Power
26
IOSDA
DIO
Two-wire bus serial data line
27
IOSCL
DIO
Two-wire bus clock line
28
GPIOH4
DIO
General purpose I/O
29
HOST_B0
DIO
Host interface
30
HOST_B1
DIO
Host interface
31
HOST_B2
DIO
Host interface
32
VDDIO
P
Digital I/O Power
33
VDD1
P
Core Power
34
AVDDHP
P
Power for USB
35
DP
AIO
Differential Positive signal for USB
36
DM
AIO
Differential Negative signal for USB
37
HOST_B3
DIO
Host interface
38
VDDIO
P
Digital I/O Power
39
HOST_B4
DIO
Host interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com