Electronic Components Datasheet Search
  English  ▼

X  

MAP3621 Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MAP3621
Description  1-CH Average Current Control Buck Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3621 Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

Back Button MAP3621 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 9Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 10Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 11Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Datasheet Version 1.0
Dec 2019
7
Typical Operating Characteristics
Unless otherwise noted, VVCC = 12V and TA = 25C.
VSCP vs. Temp.
VSCP_DS vs. Temp
-40
-20
0
20
40
60
80
100
120
140
2.3
2.4
2.5
2.6
2.7
Temperature [℃ ]
-40
-20
0
20
40
60
80
100
120
140
2.3
2.4
2.5
2.6
2.7
Temperature [℃ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com