Electronic Components Datasheet Search
  English  ▼

X  

MAP3621 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MAP3621
Description  1-CH Average Current Control Buck Controller for LED Backlight
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP3621 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MAP3621 Datasheet HTML 1Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 2Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP3621 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Datasheet Version 1.0
Dec 2019
2
Pin Configuration
ADIM
1
2
TOFF1
3
TOFF2
4
GND
5
6
CS 14
PGND 13
GATE 12
VCC 11
NC
10
NC
9
MAP3621
PWM
MODE
NC
7
8
FLT
SOIC-14L
Pin Description
14leads SOIC
Name
Description
1
ADIM
Setting for CH LED current thru external DC voltage
2
PWM
PWM signal input for CH
3
TOFF1
Setting for normal switching off-time (Note 1)
4
TOFF2
Setting for initial switching off-time (Note 1)
5
GND
Signal Ground
6
MODE
Setting for duration time that initial switching off-time(TOFF2)
10
FLT
Fault Output
11
VCC
Power supply input. Need external bypass capacitor.
12
GATE
GATE driver output to drive external NMOSFET for CH
13
PGND
Power GND for CH
14
CS
External current sense for CH(Note 2)
7, 8, 9
NC
No connection (Note 3)
Note 1: Connect external resistor to GND to set Switching off-time as shown in typical application
Note 2: Connect external resistor to PGND to sense the external power MOSFET source current as shown in typical application
Note 3: Must be connected to GND externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com