Electronic Components Datasheet Search
  English  ▼

X  

K4012 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # K4012
Description  Silicon N-Channel MOS Type Switching Regulator Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

K4012 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  K4012 Datasheet HTML 1Page - Toshiba Semiconductor K4012 Datasheet HTML 2Page - Toshiba Semiconductor K4012 Datasheet HTML 3Page - Toshiba Semiconductor K4012 Datasheet HTML 4Page - Toshiba Semiconductor K4012 Datasheet HTML 5Page - Toshiba Semiconductor K4012 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK4012
2006-11-06
2
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
—
—
±10
μA
Gate−source breakdown voltage
V (BR) GSS
IG = ±10 μA, VDS = 0 V
±30
—
—
V
Drain cutoff current
IDSS
VDS = 500 V, VGS = 0 V
—
—
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
—
—
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
—
4.0
V
Drain−source ON-resistance
RDS (ON)
VGS = 10 V, ID = 6.5 A
—
0.33
0.4
Ω
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 6.5 A
4.0
8.5
—
S
Input capacitance
Ciss
—
2400
—
Reverse transfer capacitance
Crss
—
18
—
Output capacitance
Coss
VDS = 25 V, VGS = 0 V, f = 1 MHz
—
220
—
pF
Rise time
tr
—
25
—
Turn−on time
ton
—
70
—
Fall time
tf
—
10
—
Switching time
Turn−off time
toff
—
95
—
ns
Total gate charge (gate−source
plus gate−drain)
Qg
—
50
—
Gate−source charge
Qgs
—
30
—
Gate−drain (“Miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 13 A
—
20
—
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
—
—
—
13
A
Pulse drain reverse current
(Note 1)
IDRP
—
—
—
52
A
Forward voltage (diode)
VDSF
IDR = 13 A, VGS = 0 V
—
—
−1.7
V
Reverse recovery time
trr
—
1000
—
ns
Reverse recovery charge
Qrr
IDR = 13 A, VGS = 0 V
dIDR / dt = 100 A / μs
—
11
—
μC
Marking
0 V
10 V
VGS
VDD ∼− 200 V
ID = 6.5 A VOUT
15
Ω
Duty <= 1%, tw = 10 μs
RL =
31
Ω
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
K4012
Part No. (or abbreviation code)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com