Electronic Components Datasheet Search
  English  ▼

X  

K4012 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # K4012
Description  Silicon N-Channel MOS Type Switching Regulator Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

K4012 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  K4012 Datasheet HTML 1Page - Toshiba Semiconductor K4012 Datasheet HTML 2Page - Toshiba Semiconductor K4012 Datasheet HTML 3Page - Toshiba Semiconductor K4012 Datasheet HTML 4Page - Toshiba Semiconductor K4012 Datasheet HTML 5Page - Toshiba Semiconductor K4012 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK4012
2006-11-06
3
ID – VDS
DRAIN
−SOURCE VOLTAGE VDS (V)
0
10
2
6
4
8
0
1
5
2
3
4
10
8
6
5
VGS = 4 V
COMMON SOURCE
Tc
= 25°C
PULSE TEST
ID – VDS
DRAIN
−SOURCE VOLTAGE VDS (V)
ID – VGS
GATE
−SOURCE VOLTAGE VGS (V)
0
50
10
20
40
2
0
10
6
8
100
25
Tc
= −55°C
COMMON SOURCE
VDS = 20 V
PULSE TEST
VDS – VGS
GATE
−SOURCE VOLTAGE VGS (V)
⎪Yfs⎪ − ID
DRAIN CURRENT ID (A)
1
100
10
1
100
10
COMMON SOURCE
VDS = 20 V
PULSE TEST
Tc
= −55°C
25
100
RDS (ON) − ID
DRAIN CURRENT ID (A)
0.1
1
0.1
100
VGS = 10 V
COMMON SOURCE
Tc
= 25°C
PULSE TEST
10
4.5
4.75
5.25
30
4
15
1
0
20
4
12
8
16
10
0
50
20
30
40
8,10
6
5.5
5.75
5.25
5
4.75
4.5
VGS = 4 V
COMMON SOURCE
Tc
= 25°C
PULSE TEST
0
10
2
6
4
8
4
0
20
8
12
16
13
6
ID = 3 A
COMMON SOURCE
Tc
= 25°C
PULSE TEST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com