Electronic Components Datasheet Search
  English  ▼

X  

D3655 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D3655
Description  20VA CHASSIS MOUNTED TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D3655 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D3655 Datasheet HTML 1Page - List of Unclassifed Manufacturers D3655 Datasheet HTML 2Page - List of Unclassifed Manufacturers D3655 Datasheet HTML 3Page - List of Unclassifed Manufacturers D3655 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DAGNALL ELECTRONICS LIMITED
Shuttleworth Road, Elms Industrial Estate, Bedford. MK41 0EP UK
TEL +44(0)1234 330077 FAX +44(0)1234 330088
E-mail sales@dagnall-electronics.com
THIS DOCUMENT IS THE PROPERTY OF DAGNALL ELECTRONICS LIMITED WHICH HOLDS THE COPYRIGHT IN THE DRAWING AND ALL
THE DESIGN RIGHTS IN THE PRODUCT OR COMPONENTS DESCRIBED. ANY INFORMATION SHALL NOT BE COPIED, REPRODUCED OR
DIVULGED TO A THIRD PARTY NOR SHALL THE PRODUCT OR COMPONENTS BE MADE, COPIED OR REPRODUCED OR ITS EXISTENCE
DISCLOSED TO A THIRD PARTY WITHOUT THE PRIOR CONSENT IN WRITING OF DAGNALL ELECTRONICS LIMITED.
IN THE INTEREST OF TECHNICAL IMPROVEMENT AND/OR CUSTOMER SERVICE DAGNALL ELECTRONICS RESERVES THE RIGHT TO
INTRODUCE MODIFIED SPECIFICATIONS TO ANY OF THE PRODUCTS ILLUSTRATED OR DESCRIBED IN THIS DATASHEET. E&OE
Iss 1 10/07/03
2 of 4
Part Numbers
Part No
Primary
Secondary
Recommended
Secondary Fuse
D3647
0-110 0-110-130V
4.5+4.5V
2AT
D3648
0-110 0-110-130V
6+6V
1.6AT
D3649
0-110 0-110-130V
9+9V
1AT
D3650
0-110 0-110-130V
10V
2AT
D3651
0-110 0-110-130V
12+12V
0.8AT
D3652
0-110 0-110-130V
15+15V
0.63AT
D3653
0-110 0-110-130V
18+18V
0.5AT
D3654
0-110 0-110-130V
20+20V
0.5AT
D3655
0-110 0-110-130V
24+24V
0.4AT
Please see sheets 3 and 4 for dimensions, pin outs and connection information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com