Electronic Components Datasheet Search
  English  ▼

X  

D3655 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # D3655
Description  20VA CHASSIS MOUNTED TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D3655 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  D3655 Datasheet HTML 1Page - List of Unclassifed Manufacturers D3655 Datasheet HTML 2Page - List of Unclassifed Manufacturers D3655 Datasheet HTML 3Page - List of Unclassifed Manufacturers D3655 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sec
Connection Diagrams for D3647 110V Supply
Sec
4.5V
2.2A
Connection Diagrams for D3647 - 220V supply
9V
2.2A
110V
Pri
Sec
4.5V
4.4A
Sec
Sec
Sec
Sec
4.5V
2.2A
Sec
4.5V 0 4.5v
2A
Pri
0 110
0
110
130
0
110
130
0 110
Pri
Pri
110V
Sec
9V
2.2A
Sec
4.5V 0 4.5v
2A
4.5V
4.4A
Sec
Sec
Sec
Sec
4.5V
2.2A
4.5V
2.2A
Sec
Sec
Sec
9V
2.2A
Sec
4.5V
4.4A
Sec
Sec
4.5V 0 4.5v
2A
Sec
Sec
4.5V
2.2A
4.5V
2.2A
Sec
Sec
0
110
130
0 110
Pri
Pri
220V
0 110
0
110
130
Pri
Pri
220V
0 110
0
110
130
Pri
Pri
220V
0 110
0
110
130
Pri
Pri
220V
Connection Diagrams for D3647 - 240V supply
0
110
130
0 110
0
110
130
0 110
0 110
0
110
130
Pri
Pri
Pri
Pri
Pri
Pri
240V
240V
240V
0
110
130
0 110
Pri
Pri
240V
DAGNALL ELECTRONICS LIMITED
Shuttleworth Road, Elms Industrial Estate, Bedford. MK41 0EP UK
TEL +44(0)1234 330077 FAX +44(0)1234 330088
E-mail sales@dagnall-electronics.com
Issue 1. 09/06/03
• 4 of 4
P R O D U C T D A T A S H E E T
20VA CHASSIS MOUNTED TRANSFORMER
THIS DOCUMENT IS THE PROPERTY OF DAGNALL ELECTRONICS LIMITED WHICH HOLDS THE COPYRIGHT IN THE DRAWING AND ALL THE DESIGN RIGHTS
IN THE PRODUCT OR COMPONENTS DESCRIBED. ANY INFORMATION SHALL NOT BE COPIED, REPRODUCED OR DIVULGED TO A THIRD PARTY NOR SHALL
THE PRODUCT OR COMPONENTS BE MADE, COPIED OR REPRODUCED OR ITS EXISTENCE DISCLOSED TO A THIRD PARTY WITHOUT THE PRIOR CONSENT IN
WRITING OF DAGNALL ELECTRONICS LIMITED. IN THE INTEREST OF TECHNICAL IMPROVEMENT AND/OR CUSTOMER SERVICE DAGNALL ELECTRONICS
RESERVES THE RIGHT TO INTRODUCE MODIFIED SPECIFICATIONS TO ANY OF THE PRODUCTS ILLUSTRATED OR DESCRIBED IN THIS DATASHEET. E&OE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com