Electronic Components Datasheet Search
  English  ▼

X  

RT350 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT350
Description  Remote Strain Gage to DC Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RT350 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT350 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT350 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
178
Ordering Guide
Model
Power
Code
Description
V1
115 Vac
RT350
V2
230 Vac
V3
10 to 30 Vdc
V1 - DF
115 Vac
Ordering Example: RT350 - V1
3
2
1
11
10
9
(+)
(-)
SENSE LEAD (+)
(+)
(-)
4
5
6
7
8
AC OR DC (-)
POWER INPUT
AC OR DC (+)
R CAL OPTION
(-)
(+)
CHART OF COMMON RANGES
ELECTRICAL CONNECTION
SOCKET TOP VIEW
OUTPUT
VOLTAGE
0 to 1 V
0 to 5 V
1 to 5 V
0 to 10 V
± 5 V
± 10 V
CURRENT
0 to 20 mA
4 to 20 mA
INPUT
0 to 5 mV
0 to 10 mV
0 to 20 mV
0 to 25 mV
0 to 30 mV
0 to 40 mV
0 to 50 mV
0 to 100 mV
0 to 200 mV
0 to 250 mV
0 to 300 mV
0 to 400 mV
NOTE: If no sense lead is available connect pin 6 to pin 7
EXCITATION
SIGNAL
INPUT
OUTPUT
Note: For required 11 - pin socket specify P/N901100
2.38
(60.45)
1.75
(44.45)
2.75
(69.85)
All dimensions are in inches (millimeters) unless otherwise specified
Delivery
Express delivery. Call for delivery information on other configurations.
DYNISCO MODEL RT350
Remote Strain Gage to DC Transmitter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com