Electronic Components Datasheet Search
  English  ▼

X  

RT350 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT350
Description  Remote Strain Gage to DC Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RT350 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT350 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT350 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
177
Input/Output Characteristics
Input: 0 to 5 mV to 0 to 400 mV
Zero offset: ±100% in 15% increments
Output: 0 to 1 V, 0 to 5 V, 0 to 10 V, ±5 V, 0 to 20 mA, 4 to 20 mA
Zero/span adjustment: Non - interactive; ±15% of span typical
DYNISCO MODEL RT350
Remote Strain Gage to DC Transmitter
Features
Benefits
• Field selectable input/output ranges
• Adapts to a variety of applications
• Non - interactive zero and span adjustment
• Adjust once
• Optically isolated output
• Free from internal interference
• Convenient shunt calibration switch
• Convenient matching to transducer
• LIfetime warranty
• No service problems
Performance Characteristics
Linearity: 0.01% of span or less
Excitation stability: ±0.01% per ˚C
Maximum output load: 1 K Ohm minimum for voltage;
Temperature stability: 0.02% of span per ˚C
1 K Ohm maximum for current
Operating temperature range: -10˚ to +60˚C (14˚ to 140˚F)
Response time: 70 ms typical; 10 ms available (DF)
Power: 115 Vac ±10%; 50/60 Hz 3.5 W maximum
Common mode rejection: 100 dB minimum
Dimensions: 2.75 in. (69.85 mm) H X 1.75 in. (44.45 mm) X 2.38 in. (60.45 mm)
Excitation: 0 to 10 Vdc settable in 1 Vdc increments 120 mA maximum at 10 Vdc
Description
The versatile model RT350 signal conditioner accepts an input from strain gage sensors and provides an opto - isolated, amplified DC output. Typical
applications include providing an interface to recorders, data loggers and other process monitoring and control systems. The RT350 enables easy and safe
adjustment of the output signal at the control panel, versus at the machinery. With its plug - in design, red and green diagnostic LEDs and convenient shunt
calibration switch, the RT350 is the universal solution for your strain gage signal conditioning requirements.
Specifications


Similar Part No. - RT350

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT3-0503R10D1WR2 RSG-RT3-0503R10D1WR2 Datasheet
650Kb / 4P
1W, fixed input voltage isolated & regulated single output
RT3-0503R10D3WR RSG-RT3-0503R10D3WR Datasheet
653Kb / 4P
1W, fixed input voltage isolated & regulated single output
RT3-0505R10D1WR2 RSG-RT3-0505R10D1WR2 Datasheet
650Kb / 4P
1W, fixed input voltage isolated & regulated single output
RT3-0505R10D3WR RSG-RT3-0505R10D3WR Datasheet
653Kb / 4P
1W, fixed input voltage isolated & regulated single output
RT3-0512R10D1WR2 RSG-RT3-0512R10D1WR2 Datasheet
650Kb / 4P
1W, fixed input voltage isolated & regulated single output
More results

Similar Description - RT350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
Narrow Bandwidth Strain Gage Input
3B18-00 AD-3B18-00 Datasheet
335Kb / 8P
Wide Bandwidth Strain Gage Input
logo
Vishay Siliconix
2120B VISHAY-2120B Datasheet
95Kb / 1P
Strain Gage Signal Conditioner/Amplifier
21-Nov-03
logo
National Instruments Co...
NI9235 NI-NI9235 Datasheet
479Kb / 5P
8-Channel Strain Gage Modules
NI9235 NI-NI9235_14 Datasheet
418Kb / 10P
8-Channel Strain Gage Modules
NISCXI-1520 NI-NISCXI-1520 Datasheet
320Kb / 9P
SCXI Universal Strain Gage Input
logo
Analog Devices
3B16 AD-3B16_15 Datasheet
358Kb / 8P
Narrow Bandwidth Strain Gage Input
REV. 0
3B18 AD-3B18_15 Datasheet
340Kb / 8P
Wide Bandwidth Strain Gage Input
REV. 0
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
Strain Gage Module
logo
Greystone Energy System...
PGS GREYSTONE-PGS Datasheet
136Kb / 1P
GAGE PRESSURE TRANSMITTER
07/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com