Electronic Components Datasheet Search
  English  ▼

X  

M2015 Datasheet(PDF) 1 Page - SOVICO corp.

Part # M2015
Description  Measurement Microphone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

M2015 Datasheet(HTML) 1 Page - SOVICO corp.

  M2015 Datasheet HTML 1Page - SOVICO corp. M2015 Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
Aug 08
M2010 / M2015
Measurement
Microphone
The M2010 and M2015 are compact and
accurate measurement microphones for
acoustics, R&D and production. They are
particularly suited for applications with
restricted space available.
Main characteristics:
• 1/2” omni-directional pressure microphone
• Flatness Class 1 (IEC 61672-1)
• Phantom power 10 - 48 VDC
• Measurement range
M2010: 24 - 145 dBSPL (typical)
M2015: 34 - 155 dBSPL (typical)
The microphones M2010 and M2015 are optimised
for a flat, free-field response in the audio range
20Hz - 20kHz.
The
detachable
microphone
cable
at
the
pre-amplifier simplifies integration into mechani-
cal fixtures, such as robotic arms. The microphone
includes a wind screen, a microphone stand and
an individual calibration certificate with individual
frequency response chart and sensitivity.
Typical frequency response
-8
-6
-4
-2
0
2
4
6
8
10
100
1000
10000
100000
F re que nc y [ H z ]
log frequency [Hz]
Tolerance acc.
Class 1, IEC61672-1
10
100
1000
10000
8
6
4
2
0
-2
-4
-6
-8
M2010 / M2015
Measurement
Microphone
(free field conditions @ reference direction 0°)


Similar Part No. - M2015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2015 ETC1-M2015 Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
logo
PETERMANN-TECHNIK
M2015 PETERMANN-M2015 Datasheet
70Kb / 1P
SMALLES AVAILABLE LOW COST WATCH CRYSTAL
logo
List of Unclassifed Man...
M2015 ETC2-M2015 Datasheet
343Kb / 10P
General Specifications
M2015 ETC2-M2015 Datasheet
1Mb / 12P
Miniature Toggles
logo
Nihon Kaiheiki Industry...
M2015E2A1 NKK-M2015E2A1 Datasheet
1Mb / 28P
General Specifications
More results

Similar Description - M2015

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AOM-4540L-R PUI-AOM-4540L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-4544P-NF-R PUI-AOM-4544P-NF-R Datasheet
56Kb / 1P
MICROPHONE
AOM-5242L-R PUI-AOM-5242L-R Datasheet
55Kb / 1P
MICROPHONE
AOM-5538L-NF-R PUI-AOM-5538L-NF-R Datasheet
60Kb / 1P
MICROPHONE
POM-1644P-NF-R PUI-POM-1644P-NF-R Datasheet
58Kb / 1P
MICROPHONE
POM-1844P-C33-R PUI-POM-1844P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2240P-C33-R PUI-POM-2240P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2244P-2-R PUI-POM-2244P-2-R Datasheet
95Kb / 1P
MICROPHONE
POM-2246P-C33-R PUI-POM-2246P-C33-R Datasheet
56Kb / 1P
MICROPHONE
POM-2738L-R PUI-POM-2738L-R Datasheet
55Kb / 1P
MICROPHONE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com