Electronic Components Datasheet Search
  English  ▼

X  

M2015 Datasheet(PDF) 2 Page - SOVICO corp.

Part # M2015
Description  Measurement Microphone
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

M2015 Datasheet(HTML) 2 Page - SOVICO corp.

  M2015 Datasheet HTML 1Page - SOVICO corp. M2015 Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NTI AG
Im alten Riet 102
9494 Schaan
Liechtenstein, Europe
Phone +423 / 239 60 60
Fax
+423 / 239 60 89
info@nti-audio.com
NTI Americas Inc.
PO Box 231027
Tigard, Oregon 97281
USA
Phone (503) 684 7050
Fax
(503) 684 7051
americas@nti-audio.com
www.nti-audio.com
All information subject to change without
notice. M2010 and M2015 are Trademarks
of NTI AG, Schaan.
NTI Japan Ltd.
Ryogokusakamoto Bldg. 1-8-4
Ryogoku, 130-0026 Sumida-ku
Tokyo, Japan
Phone +81 / 3 3634 6110
Fax
+81 / 3 3634 6160
okayasu@nti-japan.com
NTI China Ltd.
Room 722, 7F, Building 6-3A,
No 1388, Bin He Rd.
215000 Suzhou, China
Phone: +86 512 6802 0075
FAX: +86 512 6802 0097
china@nti-audio.com
Phantom power supply
AC coupled amplifiers
2
3
1
2
3
1
U
Rp
Rp
Microphone
Output
Measurement
Input
Input transformer with center tap
(floating).
2
3
1
2
3
1
U
Rp
2
Microphone
Output
Measurement
Input
*Rp = 6.8 kOhm @ U = 48 V, 1.2 kOhm @ 24 V, 680 Ohm @ 15,10 V
Specifications
M2010
M2015
Microphone type
1/2” pre-polarized condenser,
free field
Polar pattern
omni-directional
Flatness
exceeds Class 1 (IEC61672-1)
< ±1 dB @ 100 Hz - 4 kHz
< ±2 dB @ 10 Hz - 20 kHz
Sensitivity
-29 dBV/Pa ±3 dB
(35 mV/Pa @ 1kHz)
-40 dBV/Pa ±3 dB
(10 mV/Pa @ 1kHz)
Maximum SPL @ 1 kHz,
THD 3%, 48 VDC
typical 145 dBSPL
typical 155 dBSPL
Equivalent noise level
< 24 dBSPL
(A-weighted)
< 34 dBSPL
(A-weighted)
Temperature coefficient
0.01 dB / °C @ (-10°C to +50°C)
Long term stability
>250 years /dB
Electrostatic capacitance
18 pF (cartridge only)
Output impedance
100 Ohm (balanced),
50 Ohm (single ended)
Power consumption
@ dBSPL max
typical 4 mA
Overall shell length
50 mm (1.9”)
Body diameter
13.2 mm (0.52”)
with protective cap
Connector
3-pole XLR (NEUTRIK®)
Cable
1.5 m (5 ft), diameter 3.6 mm,
cable is detachable at the amplifier side,
3-pole NanoCon® (NEUTRIK®)
Worst case maximum SPL (@ THD 3%, 1 kHz, Rp*)
Phantom Power
M2010
M2015
48 VDC
>142 dBSPL
>152 dBSPL
24 VDC
>134 dBSPL
>144 dBSPL
15 VDC
>128 dBSPL
>138 dBSPL
10 VDC
>124 dBSPL
>134 dBSPL
Wind screen
Pin 1
Pin 2
Pin 3
XLR M
1
2
3
Connection diagram
of microphone



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com