Electronic Components Datasheet Search
  English  ▼

X  

8N65 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8N65
Description  8A mps,650 Volts N-CHANNEL MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8N65 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8N65 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8N65 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 页码 -
Rev. 14-1
http:// www.perfectway.cn
Electrical Characteristics (Tc=25℃,unless otherwise noted)
Parameter
Symbol
Test Conditions
Mix
Typ
Max
Units
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V,ID=250uA
650
-
-
V
Breakdown Temperature Coefficient
ΔBVDSS
/ΔTJ
Reference to 25℃,
ID=250uA
-
0.6
-
V/℃
Zero Gate Voltage Drain Current
IDSS
VDS=650V,VGS=0V
-
-
1
uA
Gate-Body Leakage Current,Forward
IGSSF
VGS=30V,VDS=0V
-
-
100
nA
Gate-Body Leakage Current,Reverse
IGSSR
VGS=-30V,VDS=0V
-
-
-100
nA
On Characteristics
Gate-Source Threshold Voltage
VGS(th)
VDS=10V,ID=250uA
2
-
4
V
Drain-Source On-State Resistance
RDS(on)
VGS=10V,ID=4A
-
0.9
1
Ω
Dynamic Characteristics
Input Capacitance
Ciss
VDS=25V,VGS=0V,
f=1.0MHZ
-
-
1500
pF
Output Capacitance
Coss
-
-
180
pF
Reverse Transfer Capacitance
Crss
-
-
15
pF
Switching Characteristics
Turn-On Delay Time
td(on)
VDD=300V,ID=8A,
RG=25Ω
(Note4,5)
-
13
-
ns
Turn-On Rise Time
tr
-
10
-
ns
Turn-Off Delay Time
td(off)
-
26
-
ns
Turn-Off Fall Time
tf
-
8
-
ns
Total Gate Charge
Qg
VDS=520V,ID=8A,
VGS=10V, (Note4,5)
-
40
-
nC
Gate-Source Charge
Qgs
-
9
-
nC
Gate-Drain Charge
Qgd
-
20
-
nC
Drain-Source Body Diode Charcteristics and Maximum Ratings
Continuous Diode Forward Current
IS
-
-
8
A
Pulsed Diode Forward Current
ISM
-
-
32
A
Diode Forward Voltage
VSD
IS=8A,VGS=0V
-
-
1.5
V
Reverse Recovery Time
trr
VGS=0V,IS=8A,
dIF/dt=100A/us,
(Note4)
-
570
-
ns
Reverse Recovery Charge
Qrr
-
4.3
-
uC
Notes
1.
Repetitive Rating:pulse width limited by maximum junction temperature.
2.
VDD=50V,starling,L=16mH,Rg=25Ω,IAS=8A , TJ=25℃.
3.
ISD≤ID,dI/dt=_A/us,VDD≤BVDSS,starting TJ=25℃.
4.
Pulse width≤300us;duty cycle≤2%.
5.
Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com