Electronic Components Datasheet Search
  English  ▼

X  

8N65 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 8N65
Description  8A mps,650 Volts N-CHANNEL MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

8N65 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  8N65 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8N65 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 页码 -
Rev. 14-1
http:// www.perfectway.cn
8N65(F,B,H)
8A mps,650 Volts N-CHANNEL MOSFET
FEATURE
8A,650V,RDS(ON)=1.0Ω@VGS=10V/4A
Low gate charge
Low Ciss
Fast switching
100% avalanche tested
Improved dv/dt capability
TO-220AB
ITO-220AB
8N65
8N65F
TO-263
TO-262
8N65B
8N65H
Absolute Maximum Ratings(TC=25℃,unless otherwise noted)
Parameter
Symbol
8N65
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±
30
Continuous Drain Current
ID
8
A
Pulsed Drain Current(Note1)
IDM
32
Single Pulse Avalanche Energy (Note 2)
EAS
550
mJ
Avalanche Current(Note1)
IAR
8
A
Repetitive Avalanche Energy (Note1)
EAR
21
mJ
Reverse Diode dV/dt (Note 3)
dv/dt
5.5
V/ns
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
℃
Maximum lead temperature for soldering purposes,
1/8"from case for 5 seconds
TL
260
℃
Mounting Torque
6-32 or M3 screw
10
lbf·in
1.1
N·m
Thermal Characteristics
Parameter
Symbol
ITO-220
TO-220
TO-262
TO-263
Units
Maximum Junction-to-Case
RthJC
1.0
0.8
0.8
℃
/W
Maximum Power Dissipation
TC=25℃
PD
125
155
155
W


Similar Part No. - 8N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N65 UTC-8N65 Datasheet
225Kb / 8P
8A, 650V N-CHANNEL POWER MOSFET
logo
Chongqing Pingwei Enter...
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
8A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
8N65 ZSELEC-8N65 Datasheet
473Kb / 7P
N-CHANNEL POWER MOSFET
logo
SUNMATE electronic Co.,...
8N65 SUNMATE-8N65 Datasheet
1Mb / 8P
N-CHANNEL POWER MOSFET
More results

Similar Description - 8N65

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
2N65 CHONGQING-2N65 Datasheet
201Kb / 2P
2A mps,650 Volts N-CHANNEL MOSFET
4N65 CHONGQING-4N65 Datasheet
201Kb / 2P
4A mps,650 Volts N-CHANNEL MOSFET
7N60 CHONGQING-7N60 Datasheet
193Kb / 2P
7A mps,600 Volts N-CHANNEL MOSFET
7N65 CHONGQING-7N65 Datasheet
194Kb / 2P
7A mps,650 Volts N-CHANNEL MOSFET
8N60 CHONGQING-8N60 Datasheet
194Kb / 2P
8A mps,600 Volts N-CHANNEL MOSFET
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
8A mps,650 Volts N-CHANNEL MOSFET
10N65 CHONGQING-10N65 Datasheet
193Kb / 2P
F10A mps,650 Volts N-CHANNEL MOSFET
12N60 CHONGQING-12N60 Datasheet
194Kb / 2P
12A mps,600 Volts N-CHANNEL MOSFET
12N65 CHONGQING-12N65 Datasheet
194Kb / 2P
12A mps,650 Volts N-CHANNEL MOSFET
20N06 CHONGQING-20N06 Datasheet
193Kb / 2P
20A mps,60 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com