Electronic Components Datasheet Search
  English  ▼

X  

CRE6359SF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CRE6359SF
Description  Green Energy Saving Current Mode PWM Power Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CRE6359SF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CRE6359SF Datasheet HTML 1Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 2Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 3Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 4Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 5Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 6Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
制订:2015-02-11
总 7 页
第 3 页
CRE6353/58/59 SF
绿色节能电流模式 PWM 功率转换器
绝对最大额定值
漏极电压(关闭状态)
-0.3V to 600V
VDD 电压
-0.3V to 30V
VDD-G 输入电压
-0.3V to 30V
VDD 箝位连续电流
10 mA
FB 输入电压
-0.3V to 7V
Sense 输入电压
-0.3V to 7V
最小/最大工作结温度 Tj
-20。。to 150。。
最小/最大存储温度 Tstg
-55°C to 160。
引线温度(焊接,10 秒)
260。
说明: 1. 超出上表所列的极限参数范围,可能会造成器件的永久性损坏;
2. 长时间工作在极限状态时,可能影响器件的可靠性。
CRE635XSF系列芯片系列输出功率列表
型号
工作模式
封装
可拓展功率
CRE6353SF
内置2.5A MOS
SOP-8
5V3A/15W
CRE6358SF
内置2.5AMOS
DIP-8
12V3A/36W
CRE6359SF
内置5A -MOS
DIP-8
12V5A/60W
说明: 1.最大的连续输出功率是在漏极输入端增加足够的散热面积的开放式设计,环境温度为50℃测得。
电气特性
(无特别说明, VDD = 16V,Ta=25°C)
符号
参数
测试条件
最小
典型
最大
单位
VDD 供电部分
Istartup
VDD 启动电流
VDD=14.1V,测试流入
VDD 端口的漏电流
3
20
uA
I_VDD
(Operation)
工作电流
Vfb=3V
2
mA
UVLO(ON)
VDD 进入欠压锁定的阈值
8.5
9
9.5
V
UVLO(OFF)
VDD 退出欠压锁定的阈值
14.2
14.8
16
V
OVP(ON)
VDD 过压保护阈值
CS=0V, FB=3V 升高
VDD 电压, 直到 Gate
关闭
27
28.5
30
V
VDD_Clamp
VDD 箝位电压
Idd_ 10mA
30
V
反馈输入部分
VFB_Open
FB 脚开路电压
5.4
5.6
6
V
IFB_Short
FB 脚短路电流
短路 FB 脚到地, 测试
短路电流
1.55
mA
http://bjmdz.1688.com TEL:13538290828



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com