Electronic Components Datasheet Search
  English  ▼

X  

CRE6359SF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CRE6359SF
Description  Green Energy Saving Current Mode PWM Power Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CRE6359SF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CRE6359SF Datasheet HTML 1Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 2Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 3Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 4Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 5Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 6Page - List of Unclassifed Manufacturers CRE6359SF Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
制订:2015-02-11
总 7 页
第 1 页
CRE6353/58/59 SF
绿色节能电流模式 PWM 功率转换器
特征
内置软启动:4ms
优化的Hiccup Mode 设计,以提高效率和降
低待机功耗小于
正常工作时无音频噪声设计
固定工作频率:65KHz
内置斜波补偿电路
低的启动电流和工作电流
内置前沿消隐电路
欠压锁定保护
过载保护(OLP)
过压保护(OVP)
保护解除后自动恢复功能
应用
电池充电器
数码相机、摄像机适配器
VCR, SVR, DVD & DVCD 播放器电源
机顶盒电源
个人电脑、服务器辅助电源
开放式开关电源
概要
CRE635XSF系列芯片 集成了专门的电流模式
PWM 控制器和高压功率才MOSFET,最大功率
可以拓展到60W的高性能、低待机功耗、低成本
的离线式反激开关电源中。CRE635XSF系列芯
片具有软启动的功能。为了保证芯片正常工作特
针对各种故障设计了一系列完善的具有可恢复
功能的保护措施,包括VDD 欠压锁定保护
(UVLO)、过压保护(OVP)及箝位、逐周期
电流限制(OCP)、过载保护(OLP)和图腾柱
输出驱动高箝位等。芯片内置的频率抖动和图腾
柱栅极软驱动技术可容易地获得良好的EMI 性
能。CRE635XSF系列芯片 具有 DIP-8 &
SOP-8 两种封装可供选择。
内部方框图
0.3W
http://bjmdz.1688.com TEL:13538290828


Similar Part No. - CRE6359SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CRE6359 ETC-CRE6359 Datasheet
338Kb / 6P
Current Mode PWM Power Converter
More results

Similar Description - CRE6359SF

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3800 UTC-UC3800 Datasheet
225Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3837 UTC-UC3837_15 Datasheet
354Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3856 UTC-UC3856 Datasheet
412Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3973 UTC-UC3973 Datasheet
353Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3800 UTC-UC3800_18 Datasheet
221Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3856 UTC-UC3856_17 Datasheet
358Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873 UTC-UC3873_16 Datasheet
263Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
UC3873A UTC-UC3873A Datasheet
309Kb / 10P
LOW COST POWER-SAVING MODE PWM CONTROLLER
logo
STMicroelectronics
VIPER31 STMICROELECTRONICS-VIPER31 Datasheet
1Mb / 40P
Energy saving offline high voltage converter
Nov-2020
VIPER11 STMICROELECTRONICS-VIPER11 Datasheet
1Mb / 37P
Energy saving offline high voltage converter
07-Apr-2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com