Electronic Components Datasheet Search
  English  ▼

X  

MZ93-R220RM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MZ93-R220RM
Description  High ageing cofficient
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MZ93-R220RM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MZ93-R220RM Datasheet HTML 1Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 2Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 3Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 4Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 5Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 6Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 7Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 8Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MZ7 TYPE
THERMISTOR for Degaussing
FEATURES
Superior degaussing component of colour TV set and monitor.
Current-Limited unite in AC circuit.
APPLICATION ENVIROMENTAL CONDITIONS
Environmental temperature:-10℃ ~ +85”C
Relative humidity:93±2%(+40℃ ±2℃)
Vibration frequency 1 0~55Hz
Acceleration:98m/s>
DIMENSIONS
MAIN TECHNICAL Parameter
(25℃) Current Attenuation Characteristic
PartNo.
Resistance Value
WorkingVoltage
MaxValtage
I0P-P(A)
I1P-P(mA)3’
I2rms(mA)60’
MZ72-7RM
7±20%
220
270
≥18
≤300
≤10
MZ72-9RM
9±20%
220
270
≥18
≤300
≤10
MZ72-12RM
12±20%
220
270
≥18
≤300
≤10
MZ72-14RM
14±20%
220
270
≥18
≤300
≤10
MZ72-18RM
18±20%
220
270
≥18
≤300
≤8
MZ72-20RM
20±20%
220
270
≥18
≤300
≤8
MZ73-7RM
7±20%
220
270
≥18
≤300
≤7
MZ73-9RM
9±20%
220
270
≥18
≤300
≤7
M773-12RM
12±20%
220
270
≥18
≤300
≤6
MZ73-14RM
14±20%
220
270
≥18
≤300
≤4
MZ73-18RM
18±20%
220
270
≥18
≤300
≤3
MZ73-27RM
27±20%
220
270
≥18
≤300
≤3
MZ73-36RM
36±20%
220
270
≥18
≤300
≤3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com