Electronic Components Datasheet Search
  English  ▼

X  

MZ93-R220RM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MZ93-R220RM
Description  High ageing cofficient
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MZ93-R220RM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  MZ93-R220RM Datasheet HTML 1Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 2Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 3Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 4Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 5Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 6Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 7Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 8Page - List of Unclassifed Manufacturers MZ93-R220RM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MZ4 TYPE THERMISTOR for Auto-Control-heat
FEATURES
*
Used as Auto Control Component on air conditioner, hot wind machine and Varies of heater
*
Used as Auto Control Component on small heater, rolling hair machine, driving mosquito machine.
APPLICATION ENVIROMENTAL CONDITIONS
*
Environmental temperature: -10℃~+85℃
*
Relative humidity:93 ± 2%(+40℃±2℃)
*
Vibration frequency:10~55Hz
*
Acceleration:98m/s
2
MAIN TECHNICAL PARAMETER
Properties
Model
Specification(mm)
p(cm.Ω)
TC(℃)
a(%/℃)
Vb VAC/mm
MZ42-260
Ф4x15x2.5
>1.0 x 10
2
260
≥16
≥250
MZ41-260
Ф21x2.5
>1.0 x 10
2
260
≥16
≥250
MZ41-220
Ф13x2.5
>4.0 x 10
220
≥16
≥250
MZ41-215
Ф13x2.5
>4.0 x 10
215
≥16
≥250
MZ41-210
Ф13x2.5
>4.0 x 10
210
≥16
≥250
DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com