Electronic Components Datasheet Search
  English  ▼

X  

2801616 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2801616
Description  CB RC BRIDGE - Bridge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2801616 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2801616 Datasheet HTML 1Page - PHOENIX CONTACT 2801616 Datasheet HTML 2Page - PHOENIX CONTACT 2801616 Datasheet HTML 3Page - PHOENIX CONTACT 2801616 Datasheet HTML 4Page - PHOENIX CONTACT 2801616 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Bridge plug for bridging contacts 11 to 14 for CB base elements
Commercial data
Item number
2801616
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
CLA19Z
Catalog page
Page 321 (NTK-2014)
GTIN
4046356894821
Weight per piece (including packing)
19.2 g
Weight per piece (excluding packing)
19.2 g
Country of origin
DE
CB RC BRIDGE - Bridge
2801616
https://www.phoenixcontact.com/us/products/2801616
Apr 10, 2025, 7:56 AM
Page 1 (5)


Similar Part No. - 2801616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28016 ETC2-28016 Datasheet
83Kb / 4P
For perfect straight cuts in wood, non-ferrous metals, plastic and PC cards
logo
Festo Corporation.
2801627 FESTO-2801627 Datasheet
64Kb / 1P
Parallel kit
12/26/22
logo
PHOENIX CONTACT
2801635 PHOENIX-2801635 Datasheet
302Kb / 7P
FLT 35 CTRL-4.0 - Type 12 combined lightning current and surge arrester
2801637 PHOENIX-2801637 Datasheet
305Kb / 7P
FLT 50 N/PE CTRL-4.0 - Type 12 combined lightning current and surge arrester
More results

Similar Description - 2801616

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7267BP TOSHIBA-TA7267BP Datasheet
357Kb / 9P
BRIDGE DRIVER
logo
List of Unclassifed Man...
PV100 ETC1-PV100 Datasheet
46Kb / 2P
SINGLE-PHASE FULL WAVE BRIDGE BRIDGE
logo
International Rectifier
IRFH7084PBF IRF-IRFH7084PBF Datasheet
788Kb / 10P
Half-bridge and full-bridge topologies
IRFH7084PBF IRF-IRFH7084PBF_15 Datasheet
715Kb / 11P
Half-bridge and full-bridge topologies
IRFH7085PBF IRF-IRFH7085PBF_15 Datasheet
508Kb / 11P
Half-bridge and full-bridge topologies
logo
Infineon Technologies A...
IRL60S216 INFINEON-IRL60S216 Datasheet
722Kb / 12P
Half-bridge and full-bridge topologies
2016-1-19
logo
Nanjing International G...
MDS200 DGNJDZ-MDS200 Datasheet
313Kb / 2P
Phase Rectifier Bridge Rectifier Bridge
logo
Infineon Technologies A...
IRFH7084PBF INFINEON-IRFH7084PBF Datasheet
753Kb / 12P
Half-bridge and full-bridge topologies
2017-01-24
IRFH7085PBF INFINEON-IRFH7085PBF Datasheet
1Mb / 12P
Half-bridge and full-bridge topologies
Rev. 2.3, 2020-04-16
logo
PHOENIX CONTACT
2801014 PHOENIX-2801014 Datasheet
82Kb / 4P
Jumper - CB PT BRIDGE
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com