Electronic Components Datasheet Search
  English  ▼

X  

2801616 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2801616
Description  CB RC BRIDGE - Bridge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2801616 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2801616 Datasheet HTML 1Page - PHOENIX CONTACT 2801616 Datasheet HTML 2Page - PHOENIX CONTACT 2801616 Datasheet HTML 3Page - PHOENIX CONTACT 2801616 Datasheet HTML 4Page - PHOENIX CONTACT 2801616 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Bridge
Type
Male
Electrical properties
Auxiliary contact
Maximum operating voltage Umax DC
80 V DC
Maximum operating voltage Umax. AC
277 V AC
Max. operating current Imax
1 A
Connection data
Connection method
Spade connection
Dimensions
Width
12.3 mm
Height
45 mm
Depth
52 mm
Material specifications
Color
gray (RAL 7042)
Flammability rating according to UL 94
V0
Housing material
Plastic
Mechanical properties
Mechanical data
Open side panel
No
Environmental and real-life conditions
Ambient conditions
IP30 (Actuation area)
Degree of protection
IP00 (Connection area)
Ambient temperature (operation)
-30 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Standards and regulations
Standards/specifications
IEC 60068-2
Standards/specifications
IEC 60664-1
Mounting
Mounting type
on base element
CB RC BRIDGE - Bridge
2801616
https://www.phoenixcontact.com/us/products/2801616
Apr 10, 2025, 7:56 AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com