Electronic Components Datasheet Search
  English  ▼

X  

CRF02 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # CRF02
Description  Power Supply Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRF02 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  CRF02 Datasheet HTML 1Page - Toshiba Semiconductor CRF02 Datasheet HTML 2Page - Toshiba Semiconductor CRF02 Datasheet HTML 3Page - Toshiba Semiconductor CRF02 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CRF02
2006-11-07
1
TOSHIBA Fast Recovery Diode Silicon Diffused Type
CRF02
Power Supply Applications
Strobo Flasher Applications
• Repetitive peak reverse voltage: VRRM = 800 V
• Average forward current: IF (AV) = 0.5 A
• Low forward voltage: VFM = 3.0 V (max.)
• Very fast reverse-recovery time: trr = 100 ns (max.)
• Suitable for compact assembly due to its small surface-mount
package, the “S−FLATTM” (Toshiba package name)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
800
V
Average forward current
IF(AV)
0.5
(Note 1)
A
Peak one-cycle surge forward current
(non-repetitive)
IFSM
10 (50 Hz)
A
Junction temperature
Tj
−40~150
°C
Storage temperature range
Tstg
−40~150
°C
Note 1: Ta = 84°C: Device mounted on a ceramic board
Board size: 50 mm × 50 mm,
Soldering Land size: 2 mm × 2 mm
Board thickness: 0.64 t
Rectangular waveform (α = 180°)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
3-2A1A
Weight: 0.013 g (typ.)


Similar Part No. - CRF02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRF03 TOSHIBA-CRF03 Datasheet
172Kb / 4P
Switching Mode Power Supply Applications
logo
Meder Electronic
CRF03-1A MEDER-CRF03-1A Datasheet
111Kb / 2P
CRF Reed Relay
logo
Toshiba Semiconductor
CRF03A TOSHIBA-CRF03A Datasheet
293Kb / 7P
Fast Recovery Diode (FRD) Silicon Diffused Junction
logo
Meder Electronic
CRF05-1A MEDER-CRF05-1A Datasheet
417Kb / 2P
CRF Reed Relay
CRF05-1AS MEDER-CRF05-1AS Datasheet
390Kb / 2P
7 GHz High Frequency Reed Relay for 50ohm Impedance
More results

Similar Description - CRF02

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5808 SANYO-2SC5808 Datasheet
34Kb / 4P
Switching Power Supply Applications
logo
Toshiba Semiconductor
CMF04 TOSHIBA-CMF04 Datasheet
170Kb / 4P
Switching Mode Power Supply Applications
CMH02 TOSHIBA-CMH02 Datasheet
185Kb / 5P
Switching Mode Power Supply Applications
CMH05A TOSHIBA-CMH05A Datasheet
174Kb / 5P
Switching Mode Power Supply Applications
CMH08A TOSHIBA-CMH08A Datasheet
186Kb / 5P
Switching Mode Power Supply Applications
CMS02 TOSHIBA-CMS02 Datasheet
150Kb / 5P
Switching Mode Power Supply Applications
CMS14 TOSHIBA-CMS14_06 Datasheet
143Kb / 5P
Switching Mode Power Supply Applications
CRS12 TOSHIBA-CRS12_06 Datasheet
148Kb / 5P
Switching Mode Power Supply Applications
2SK1365 TOSHIBA-2SK1365_09 Datasheet
405Kb / 6P
Switching Power Supply Applications
logo
Surge Components
BAT60BWS SURGE-BAT60BWS Datasheet
764Kb / 3P
for power supply applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com