Electronic Components Datasheet Search
  English  ▼

X  

CRF02 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # CRF02
Description  Power Supply Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CRF02 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  CRF02 Datasheet HTML 1Page - Toshiba Semiconductor CRF02 Datasheet HTML 2Page - Toshiba Semiconductor CRF02 Datasheet HTML 3Page - Toshiba Semiconductor CRF02 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CRF02
2006-11-07
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Peak forward voltage
VFM
IFM = 0.5 A
⎯
2.2
3.0
V
Repetitive peak reverse current
IRRM(1)
VRRM = 400 V
⎯
⎯
3.0
μA
Repetitive peak reverse current
IRRM(2)
VRRM = 800 V
⎯
⎯
50
μA
Reverse recovery time
trr
IF = 1 A, di/dt = −30 A/μs
⎯
⎯
100
ns
Device mounted on a ceramic board
(board size: 50 mm
× 50 mm)
(soldering land: 2 mm
× 2 mm)
(board thickness: 0.64 t)
⎯
⎯
70
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(soldering land: 6 mm
× 6 mm)
(board thickness: 1.6 t)
⎯
⎯
140
Thermal resistance
Rth (j-a)
Device mounted on a glass-epoxy board
(board size: 50 mm
× 50 mm)
(soldering land: 1.2 mm
× 1.2 mm)
(board thickness: 1.6 t)
⎯
⎯
240
°C/W
Thermal resistance (junction to lead)
Rth (j-ℓ)
⎯
⎯
⎯
20
°C/W
Marking
Standard Soldering Pad
Abbreviation Code
Part No.
F2
CRF02
Handling Precaution
The absolute maximum ratings mean the absolute maximum ratings, which are rated values and must not be exceeded
during operation, even for an instant. The followings are the general derating method that we recommend for designing a
circuit using this device.
VRRM: We recommend that the worst-case voltage, including surge voltage, be no greater than 80% of the absolute
maximum rating of VRRM for a DC circuit; and no greater than 50% of that of VRRM for an AC circuit.
VRRM has a temperature coefficient (0.1%/℃). Be sure to take this temperature coefficient into account when
designing a device at low temperature.
IF(AV): We recommend that the worst case current be no greater than 80% of the absolute maximum rating of IF(AV).
Carry out sufficient heat design. If it is not possible to design a circuit with excellent heat radiation, set a margin by
using an allowable Tamax-IF (AV) curve.
This rating specifies the non-repetitive peak current in one cycle of a 50-Hz sine wave, condition angle 180
°. Therefore
this applies only to abnormal operation, which seldom occurs during the lifespan of the device.
For this device, we recommend a Tj of below 120℃ under the worst load and heat radiation conditions.
Thermal resistance between junction and ambient fluctuates depending on the mounting condition of the device. When
using the device, be sure to design the circuit board and soldering land size to match the appropriate thermal resistance
value.
Refer to the Rectifier databook for further information.
2.8
1.2
1.2
Unit: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com