Electronic Components Datasheet Search
  English  ▼

X  

PS-20 Datasheet(PDF) 1 Page - SOVICO corp.

Part # PS-20
Description  Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

PS-20 Datasheet(HTML) 1 Page - SOVICO corp.

  PS-20 Datasheet HTML 1Page - SOVICO corp. PS-20 Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovating the Future of Global Communications
Technical Data Sheet
The RTS PS-20 is a complete independent
TW (Two-Wire) power supply. The PS-20 features 2- and 4-channel operation,
RTS monitoring, 2-channel program input, audio linking, and 3-mode operation: RTS 2-channel, RTS 4-channel and
Clear-Com mode. It also has double the power output of the PS-31 per channel, this increases the number of user stations
and beltpacks which can be connected substantially.
The PS-20 features two (2) channels of communication where both channels are wet, meaning there is power on each
channel (RTS 2-channel mode). In RTS 4-channel mode, the audio signals and DC exist on the same wire. The PS-20 can
also be switched into Clear-Com mode. The PS-20 has a 3-pin XLR (male) connector on the front of the system, where a
RTS user station can connect and monitor activity on either or both channels. A single PS-20 power supply has 1.8 ampere
per channel which means the user can power up more stations (see specifications for details). If additional user stations or
beltpacks are needed, two (2) PS-20’s can be joined together to double the power capability. A pair of standard stereo plug
connectors are available on the back of the power supply to connect two PS-20’s through audio linking as well. The PGM IN
(3-pin XLR female Program Input) connector can be used to send audio to both CH 1 and/or CH 2.
• The PS-20 is selectable between RTS 2-channel,
RTS 4-channel and Clear-Com mode.
• There is an audio link connection (¼-inch (6.3 mm)
stereo plug) on the back of the unit.
• The 3-pin XLR monitoring output connector on the
front of the PS-20 allows the user to connect a RTS
user station to monitor a channel or both channels.
• There is a green status indicator for each channel
on the front of the unit. Each of these indicators will
remain lit during normal operation, but will turn red
during a channel current overload condition. Output
current is automatically reduced during an overload,
and normal operation is restored when the overload is
removed.
• There is a program input connector on the rear
panel. This can be used to connect a device that
both channel 1 and channel 2 can listen to at the
same time. A channel select switch on the front panel
assigns the program to either or both channels. A
level control adjusts the program level to the intercom
channel.
• Intercom channels (user stations) are connected to the
rear panel of the PS-20 with 3-pin XLR connectors.
• The impedance select switch on the rear panel allows
each channel to be set for 200Ω or 400Ω operation.
Select 200Ω for each channel operated independently.
Select 400Ω for each channel connected to another
channel.
Features
PS-20
Power Supply
Line Drawings


Similar Part No. - PS-20

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
PS-200 SOVICO-PS-200 Datasheet
1Mb / 1P
Power Sequening System
Feb. 2017.
logo
Emcore Corporation
PS-200-XX EMCORE-PS-200-XX Datasheet
936Kb / 3P
Wideband Optical Link
PS-200-XX EMCORE-PS-200-XX Datasheet
1Mb / 4P
CWDM Wideband Optical Link
PS-200-XX EMCORE-PS-200-XX Datasheet
1,023Kb / 4P
DWDM Wideband Optical Link
PS-200F EMCORE-PS-200F Datasheet
55Kb / 1P
200 Watt Universal Power Supply for use with OT-CC-16F
More results

Similar Description - PS-20

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com