Electronic Components Datasheet Search
  English  ▼

X  

PS-20 Datasheet(PDF) 2 Page - SOVICO corp.

Part # PS-20
Description  Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

PS-20 Datasheet(HTML) 2 Page - SOVICO corp.

  PS-20 Datasheet HTML 1Page - SOVICO corp. PS-20 Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovating the Future of Global Communications
www.rtsintercoms.com
Specifications
Order Information
General
Input Voltage: 90 to 264VAC, 50 to 60Hz
Output Voltage: 28VDC to 32VDC
Output Current: 1.8 Amps Maximum per channel
Termination Impedance: Selectable 200Ω/400Ω
1.8 Amps maximum per channel
Ripple: < 0.2V
Program Input Levels:
Nominal +2dBu
Balanced, High Impedance >10kΩ
Two-Wire Output Levels:
Nominal 30VDC
Unbalanced, selectable 200Ω/400Ω
Monitor Output:
Nominal Gain of 0 dB for 1.0Vrms input level on the
program input. 30VDC nominal, 100mA maximum.
Audio Link: Nominal input 2dBu with a Gain of 0 dB
Connections
Type: 3-pin XLR male (RTS 2-channel Mode)
Pin 1: Common for Audio and DC
Pin 2: 30VDC and Mixed Audio Channel 1
Pin 3: 30VDC and Mixed Audio Channel 2
Type: 3-pin XLR male (RTS 4-channel Mode)
Pin 1: Common for Audio and DC
Pin 2: 30 VDC and Mixed Audio Channel 1 or 3
Pin 3: Mixed Audio Channel 2 or 4
Type: 3-pin XLR male (Clear-Com Mode)
Pin 1: Common for Audio
Pin 2: 30VDC
Pin 3: Mixed Audio Channel 1 or 2
Program Input
Type: 3-pin XLR female
Pin 1: Common
Pin 2: Balanced Audio + Input
Pin 3: Balanced Audio - Input
Audio Link
Input ¼-inch Stereo Phono Jack
Tip: CH 1
Ring: CH 2
Sleeve: Ground
Output ¼-inch Stereo Phono Jack
Tip: CH 1
Ring: CH 2
Sleeve: Ground
AC Input
Type: Universal AC Plug
Pin 1: Hot
Pin 2: Neutral
Pin 3: Earth Ground
Monitor Output
Type: 3-pin XLR male (RTS 2-channel Mode)
Pin 1: Common for Audio and DC
Pin 2: 30VDC and Mixed Audio Channel 1
Pin 3: 30VDC and Mixed Audio Channel 2
Type: 3-pin XLR male (RTS 4-channel Mode)
Pin 1: Common for Audio and DC
Pin 2: 30VDC and Mixed Audio Channel 1
Pin 3: Mixed Audio Channel 2
Type: 3-pin XLR male (Clear-Com Mode)
Pin 1: Common for Audio
Pin 2: 30VDC
Pin 3: Mixed Audio Channel 1 or 2
Environmental
Operating Temperature: 0°C to 50°C (32°F to 122°F)
Storage: -40°C to 70°C (-40°F to 158°F)
Humidity: 0 to 95%, non-condensing
Dimensions and Finish
Height: 1.72 in (44 mm)—1
RU (Rack Unit)
Width: 8.186 in (207.9 mm)
Weight: Under 5 lb
Finish: Thermoplastic front panel, Aluminum case, RTS light
gray paint—black silkscreen.
Mounting: MCP style rack kit or (included rubber adhesive
feet).
PS-20 • PS-20 Power Supply • US Power Cord
PS-20-EU • PS-20 Power Supply • Euro Power Cord
PS-20-UK • PS-20 Power Supply • UK Power Cord
The specification information is preliminary and is subject to change without notification.
Brand names mentioned are the property of their respective companies.
Bosch Security Systems, Inc. | 12000 Portland Avenue South | Burnsville, Minnesota 55337
Telephone: 877·863·4169 | Fax: (800) 323-0498
Form Number: F01U259389 Rev 03
Date: October 2015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com