Electronic Components Datasheet Search
  English  ▼

X  

PS21962 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PS21962
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21962 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PS21962 Datasheet HTML 1Page - Powerex Power Semiconductors PS21962 Datasheet HTML 2Page - Powerex Power Semiconductors PS21962 Datasheet HTML 3Page - Powerex Power Semiconductors PS21962 Datasheet HTML 4Page - Powerex Power Semiconductors PS21962 Datasheet HTML 5Page - Powerex Power Semiconductors PS21962 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PS21962, PS21962-A, PS21962-C
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
4
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case
Rth(j-c)Q
Inverter IGBT (Per 1/6 Module)
—
—
4.7
°C/Watt
Rth(j-c)D
Inverter FWDi (Per 1/6 Module)
—
—
5.4
°C/Watt
Recommended Conditions for Use
Characteristic
Symbol
Condition
Min.
Typ.
Value
Units
Supply Voltage
VCC
Applied between P-N Terminals
0
300
400
Volts
Control Supply Voltage
VD
Applied between VP1-VNC, VN1-VNC
13.5
15.0
16.5
Volts
VDB
Applied between VUFB-U,
13.0
15.0
18.5
Volts
VVFB-V, VWFB-W
Control Supply Variation
dVD, dVDB
-1
—
1
V/µs
Arm Shoot-through Blocking Time
tDEAD
For Each Input Signal, TC ≤ 100°C
1.5
—
—
µs
Output r.m.s. Current*
IO fPWM = 5kHZ
VCC = 300V, VD = VDB = 15V,
—
—
2.5
Arms
IO fPWM = 15kHZ
P.F. = 0.8, Sinusoidal PWM,
—
—
1.5
Arms
Tj ≤ 100°C, TC ≤ 100°C
Allowable Minimum Input
PWIN(on)
0.5
—
—
µs
Pulse Width**
PWIN(off)
0.5
—
—
µs
VNC Voltage Variation
VNC
Between VNC-N (Including Surge)
-5.0
—
5.0
Volts
*The allowable r.m.s. current also depends on the actual application conditions.
**DIP-IPM might not make response or work properly if the input signal plus width is less than the recommended minimum value.
0
2.5
1.5
2.0
1.0
0.5
SUPPLY VOLTAGE, VD, (VOLTS)
COLLECTOR-EMITTER SATURATION VOLTAGE
VS. SUPPLY VOLTAGE CHARACTERISTICS
(TYPICAL - INVERTER PART)
13
16
17
IC = 5A
IC = 3A
IC = 1A
Tj = 25°C
Tj = 125°C
15
14
0
12
10
4
2
6
8
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
OUTPUT CHARACTERISTICS
(TYPICAL - INVERTER PART)
VD = 16.5V
15
13.5
Tj = 25°C
COLLECTOR-CURRENT, IC, (AMPERES)
COLLECTOR-EMITTER
SATURATION VOLTAGE CHARACTERISTICS
(TYPICAL - INVERTER PART)
VD = VDB =15V
Tj = 25°C
Tj = 125°C
2.5
0.5
0
1.5
3.0
2.0
1.0
4
2
6
8
0
12
10
1.6
1.8
1.2
1.0
0.8
1.4
2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com