Electronic Components Datasheet Search
  English  ▼

X  

PS21962 Datasheet(PDF) 6 Page - Powerex Power Semiconductors

Part # PS21962
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21962 Datasheet(HTML) 6 Page - Powerex Power Semiconductors

  PS21962 Datasheet HTML 1Page - Powerex Power Semiconductors PS21962 Datasheet HTML 2Page - Powerex Power Semiconductors PS21962 Datasheet HTML 3Page - Powerex Power Semiconductors PS21962 Datasheet HTML 4Page - Powerex Power Semiconductors PS21962 Datasheet HTML 5Page - Powerex Power Semiconductors PS21962 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PS21962, PS21962-A, PS21962-C
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
6
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
100
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
103
104
100
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART P-SIDE)
103
104
100
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART P-SIDE)
103
104
100
101
101
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
102
103
100
101
101
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
102
103
100
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
103
104
100
101
101
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART P-SIDE)
102
103
100
101
101
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART P-SIDE)
102
103
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = VDB = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = VDB = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = VDB = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = VDB = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com