Electronic Components Datasheet Search
  English  ▼

X  

TLP3131 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP3131
Description  MEASUREMENT INSTRUMENTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3131 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP3131 Datasheet HTML 1Page - Toshiba Semiconductor TLP3131 Datasheet HTML 2Page - Toshiba Semiconductor TLP3131 Datasheet HTML 3Page - Toshiba Semiconductor TLP3131 Datasheet HTML 4Page - Toshiba Semiconductor TLP3131 Datasheet HTML 5Page - Toshiba Semiconductor TLP3131 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP3131
2007-10-01
4
I F ─ Ta
I ON ─ Ta
-20
0
20
40
60
80
100
120
0
20
40
60
80
100
-20
0
20
40
60
80
100
0
100
200
300
400
500
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
I F ─ VF
I ON ─ VON
0.6
0.8
1
1.2
1.4
1.6
1.8
0.1
1
10
100
0.3
0.5
3
5
50
30
-1
-0.5
0
0.5
1
-500
-400
-300
-200
-100
0
100
200
300
400
500
Forward voltage VF (V)
On-sate voltage VON (V)
RON ─ Ta
I FT ─ Ta
-20
0
20
40
60
80
100
0
1
2
3
-20
0
20
40
60
80
100
0
1
2
3
4
5
Ambient temperature Ta (
°C)
Ambient temperature Ta (
°C)
Ta = 25
°C
Ta = 25
°C
I F = 5 mA
I ON = 100 mA
t < 1s
I ON = 300 mA
I F = 5 mA
t < 1s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com