Electronic Components Datasheet Search
  English  ▼

X  

TLP3131 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP3131
Description  MEASUREMENT INSTRUMENTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3131 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP3131 Datasheet HTML 1Page - Toshiba Semiconductor TLP3131 Datasheet HTML 2Page - Toshiba Semiconductor TLP3131 Datasheet HTML 3Page - Toshiba Semiconductor TLP3131 Datasheet HTML 4Page - Toshiba Semiconductor TLP3131 Datasheet HTML 5Page - Toshiba Semiconductor TLP3131 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP3131
2007-10-01
5
tON,tOFF ─ I F
tON,tOFF ─ Ta
110
100
330
10
100
30
300
1000
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
400
Forward current I F (mA)
Ambient temperature Ta (
°C)
I OFF ─ Ta
C OFF ─ VOFF
0
5
10
15
20
5
10
15
010
20
30
0.2
0.4
0.6
0.8
1
Off-state output voltage VOFF (V)
Off-state output voltage VOFF (V)
Ta = 25 ℃
VDD =10 V, RL = 200
Ω
Ta = 25 ℃
t OFF
t ON
t OFF
t ON
VDD = 10 V, RL = 200 Ω
I F = 10 mA
Ta = 25
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com