Electronic Components Datasheet Search
  English  ▼

X  

TLP2200 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP2200
Description  High Speed Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2200 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP2200 Datasheet HTML 1Page - Toshiba Semiconductor TLP2200 Datasheet HTML 2Page - Toshiba Semiconductor TLP2200 Datasheet HTML 3Page - Toshiba Semiconductor TLP2200 Datasheet HTML 4Page - Toshiba Semiconductor TLP2200 Datasheet HTML 5Page - Toshiba Semiconductor TLP2200 Datasheet HTML 6Page - Toshiba Semiconductor TLP2200 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLP2200
2007-10-01
4
Switching Characteristics
(unless otherwise specified, Ta = 0~85°C,VCC = 4.5~20V,IF(ON) = 1.6~5mA,IF(OFF) = 0~0.1mA)
Characteristic
Symbol
Test
Cir
−
cuit
Test Condition
Min.
Typ.
Max.
Unit
Without peaking capacitor
C1
―
235
―
Propagation delay time to
logic high output level
(Note 5)
tpLH
With peaking capacitor C1
―
―
400
ns
Without peaking capacitor
C1
―
250
―
Propagation delay time to
logic low output level
(Note 5)
tpHL
With peaking capacitor C1
―
―
400
ns
Output rise time (10
−90%)
tr
―
35
―
ns
Output fall time (90
−10%)
tf
1
―
―
20
―
ns
Output enable time to
logic high
tpZH
―
―
―
―
ns
Output enable time to
logic low
tpZL
―
―
―
―
ns
Output disable time from
logic high
tpHZ
―
―
―
―
ns
Output disable time from
logic low
tpLZ
2
―
―
―
―
ns
Common mode transient
immunity at logic high
output
(Note 6)
CMH
IF = 1.6mA, VCM = 50V,
Ta = 25°C
−1000
―
―
V / μs
Common mode transient
immunity at logic low
output
(Note 6)
CML
3
IF = 0mA, VCM = 50V,
Ta = 25°C
1000
―
―
V / μs
(*) All typ. values are at Ta = 25°C, VCC = 5V, IF(ON) = 3mA unless otherwise specified.
(Note 4) Duration of output short circuit time should not exceed 10ms.
(Note 5) The tpLH propagation delay is measured from the 50% point on the leading edge of the input pulse to the
1.3V point on the leading edge of the output pulse.
The tpHL propagation delay is measured from the 50% point on the trailing edge of the input pulse to the
1.3V point on the trailing edge of the output pulse.
(Note 6) CML is the maximum rate of rise of the common mode voltage that can be sustained with the output
voltage in the logic low state (VO ≤ 0.8V).
CMH is the maximum rate of fall of the common mode voltage that can be sustained with the output
voltage in the logic high state (VO ≤ 2.0V).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com