Electronic Components Datasheet Search
  English  ▼

X  

TLP2200 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP2200
Description  High Speed Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2200 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP2200 Datasheet HTML 1Page - Toshiba Semiconductor TLP2200 Datasheet HTML 2Page - Toshiba Semiconductor TLP2200 Datasheet HTML 3Page - Toshiba Semiconductor TLP2200 Datasheet HTML 4Page - Toshiba Semiconductor TLP2200 Datasheet HTML 5Page - Toshiba Semiconductor TLP2200 Datasheet HTML 6Page - Toshiba Semiconductor TLP2200 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP2200
2007-10-01
3
Electrical Characteristics (unless otherwise specified, Ta = 0~85°C,VCC = 4.5~20V,
IF(ON) = 1.6~5mA, IF(OFF) = 0~0.1mA, VEL = 0~0.8V,VEH = 2.0~20V)
Characteristic
Symbol
Test Condition
Min.
Typ.*
Max.
Unit
VO = 5.5V
―
―
100
Output leakage current
(VO > VCC)
IOHH
IF = 5mA,
VCC = 4.5V
VO = 20V
―
2
500
μA
Logic low output voltage
VOL
IOL = 6.4mA (4 TTL load)
―
0.32
0.5
V
Logic high output voltage
VOH
IOH = −2.6mA
2.4
3.4
―
V
Logic low enable current
IEL
VE = 0.4V
―
−0.13
−0.32
mA
VE = 2.7V
―
―
20
VE = 5.5V
―
―
100
Logic high enable current
IEH
VE = 20V
―
0.01
250
μA
Logic low enable voltage
VEL
―
―
―
0.8
V
Logic high enable voltage
VEH
―
2.0
―
―
V
VCC = 5.5V
―
5
6.0
Logic low supply current
ICCL
IF = 0mA
VE = don't care
VCC = 20V
―
5.6
7.5
mA
VCC = 5.5V
―
2.5
4.5
Logic high supply current
ICCH
IF = 5mA
VE = don't care
VCC = 20V
―
2.8
6.0
mA
IOZL
IF = 5mA
VE = 2V
VO = 0.4V
―
1
−20
VO = 2.4V
―
―
20
VO = 5.5V
―
―
100
High impedance state
output current
IOZH
IF = 0mA
VE = 2V
VO = 20V
―
0.01
500
μA
VO = VCC = 5.5V
25
55
―
Logic low short circuit
output current
(Note 4)
IOSL
IF = 0mA
VO = VCC = 20V
40
80
―
mA
VCC = 5.5V
−10
−25
―
Logic high short circuit
output current
(Note 4)
IOSH
IF = 5mA
VO = GND
VCC = 20V
−25
−60
―
mA
Input current hysteresis
IHYS
VCC = 5V
―
0.05
―
mA
Input forward voltage
VF
IF = 5mA, Ta = 25°C
―
1.55
1.7
V
Temperature coefficient of
forward voltage
ΔVF / ΔTa
IF = 5mA
―
−2.0
―
mV / °C
Input reverse breakdown
voltage
BVR
IR = 10μA, Ta = 25°C
5
―
―
V
Input capacitance
CIN
VF = 0V, f = 1MHz, Ta = 25°C
―
45
―
pF
Resistance (input
−output)
RI−O
VI−O = 500V R.H. ≤ 60%
(Note 3) 5×10
10
10
14
―
Ω
Capacitance (input
−output)
CI−O
VI−O = 0V, f = 1MHz
(Note 3)
―
0.6
―
pF
(**) All typ. values are at Ta = 25°C, VCC = 5V, IF(ON) = 3mA unless otherwise specified.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com