Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601DBVT Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 26Page - Texas Instruments TPS73601DBVT Datasheet HTML 27Page - Texas Instruments TPS73601DBVT Datasheet HTML 28Page - Texas Instruments TPS73601DBVT Datasheet HTML 29Page - Texas Instruments TPS73601DBVT Datasheet HTML 30Page - Texas Instruments TPS73601DBVT Datasheet HTML 31Page - Texas Instruments TPS73601DBVT Datasheet HTML 32Page - Texas Instruments TPS73601DBVT Datasheet HTML 33Page - Texas Instruments TPS73601DBVT Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-Apr-2025
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TPS73601DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJFQ
Samples
TPS73601DBVT
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJFQ
Samples
TPS73601DBVTG4
ACTIVE
SOT-23
DBV
5
250
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJFQ
Samples
TPS73601DCQ
OBSOLETE
SOT-223
DCQ
6
TBD
Call TI
Call TI
-40 to 125
PS73601
TPS73601DCQG4
OBSOLETE
SOT-223
DCQ
6
TBD
Call TI
Call TI
-40 to 125
PS73601
TPS73601DCQR
ACTIVE
SOT-223
DCQ
6
2500
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
PS73601
Samples
TPS73601DRBR
ACTIVE
SON
DRB
8
3000
RoHS & Green
NIPDAU | NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
PJFQ
Samples
TPS73601DRBRG4
ACTIVE
SON
DRB
8
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PJFQ
Samples
TPS73601DRBRM3
ACTIVE
SON
DRB
8
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
PJFQ
Samples
TPS73601DRBT
ACTIVE
SON
DRB
8
250
RoHS & Green
NIPDAU | NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
PJFQ
Samples
TPS73601DRBTG4
ACTIVE
SON
DRB
8
250
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PJFQ
Samples
TPS736125DRBR
ACTIVE
SON
DRB
8
3000
RoHS & Green
NIPDAU | NIPDAUAG
Level-2-260C-1 YEAR
-40 to 125
T49
Samples
TPS73615DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T44
Samples
TPS73615DBVT
OBSOLETE
SOT-23
DBV
5
TBD
Call TI
Call TI
-40 to 125
T44
TPS73615DCQ
OBSOLETE
SOT-223
DCQ
6
TBD
Call TI
Call TI
-40 to 125
PS73615
TPS73615DCQR
ACTIVE
SOT-223
DCQ
6
2500
RoHS & Green
SN
Level-2-260C-1 YEAR
-40 to 125
PS73615
Samples
TPS73615DCQRG4
ACTIVE
SOT-223
DCQ
6
2500
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
PS73615
Samples
TPS73615DRBR
ACTIVE
SON
DRB
8
3000
RoHS & Green
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
T44
Samples
TPS73616DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
OCQ
Samples
TPS73616DBVT
OBSOLETE
SOT-23
DBV
5
TBD
Call TI
Call TI
-40 to 125
OCQ
TPS73618DBVR
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU
Level-1-260C-UNLIM
-40 to 125
T43
Samples
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com