Electronic Components Datasheet Search
  English  ▼

X  

TLP1243 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLP1243
Description  Copiers, Printers and Fax Machines Air-conditioners Game Machines
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1243 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP1243 Datasheet HTML 1Page - Toshiba Semiconductor TLP1243 Datasheet HTML 2Page - Toshiba Semiconductor TLP1243 Datasheet HTML 3Page - Toshiba Semiconductor TLP1243 Datasheet HTML 4Page - Toshiba Semiconductor TLP1243 Datasheet HTML 5Page - Toshiba Semiconductor TLP1243 Datasheet HTML 6Page - Toshiba Semiconductor TLP1243 Datasheet HTML 7Page - Toshiba Semiconductor TLP1243 Datasheet HTML 8Page - Toshiba Semiconductor TLP1243 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP1243(C8)
2007-10-01
5
100
0.005
10
30
3
50
5
1
0.01
0.03
0.1
0.3
0.5
1
3
5
10
0.05
Ta
= 25°C
: VCE = 2 V
: VCE = 0.4 V
Sample 1
Sample 2
IF – VF
(typ.)
IC – IF
(typ.)
0.5
1
3
5
10
30
50
1
3
10
5
30
50
100
Ta
= 25°C
: VCE = 2 V
: VCE = 0.4 V
Sample 2
Sample 1
0.9
1.0
1.1
1.2
1.3
1.4
100
10
1
3
5
30
50
1.5
Ta
= 75°C
50
25
−25
0
0
0
20
40
60
80
100
20
40
60
80
0
0
20
40
60
80
100
10
20
30
40
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
PC – Ta
Forward voltage VF (V)
Forward current IF (mA)
IC/IF – IF
(typ.)
Forward current IF (mA)
Collector-emitter voltage VCE (V)
IC –VCE
(typ.)
0
1
2
3
5
6
0
2
4
6
8
10
12
4
Ta
= 25°C
20
IF = 5 mA
15
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com