Electronic Components Datasheet Search
  English  ▼

X  

CP080-4065 Datasheet(PDF) 3 Page - Same Sky Devices

Part # CP080-4065
Description  PELTIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CP080-4065 Datasheet(HTML) 3 Page - Same Sky Devices

  CP080-4065 Datasheet HTML 1Page - Same Sky Devices CP080-4065 Datasheet HTML 2Page - Same Sky Devices CP080-4065 Datasheet HTML 3Page - Same Sky Devices CP080-4065 Datasheet HTML 4Page - Same Sky Devices CP080-4065 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAME SKY | MODEL: CP080-4065 | DESCRIPTION: PELTIER MODULE
date 12/12/2024 | page 3 of 5
sameskydevices.com
PERFORMANCE (Th=27°C)
Input Voltage, V Vs. ΔT
COP Vs. Input Voltage, V (ΔT=0~40⁰C)
T=Th-Tc (°C)
0102030405060708090100
0
3
6
9
12
15
18
21
24
27
Imax=8A
I=6.5A
I=5A
I=3.5A
I=2A
I=1A
InputVoltage(V)
04
812162024
0
1
2
3
4
5
DT = 0°C
DT =10°C
DT =20°C
DT =30°C
DT =40°C
Heat Pumped, Q Vs. ΔT
Heat Pumped, Q Vs. Input Current, I
COP Vs. Input Voltage, V (ΔT=50~90⁰C)
T=Th-Tc (°C)
0102030405060708090100
0
10
20
30
40
50
60
70
80
Imax=8A
I=6.5A
I=5A
I=3.5A
I=2A
I=1A
Input Current (A)
01234567
8
0
10
20
30
40
50
60
70
80
DT = 0
o
C
DT = 10
o
C
DT = 20
o
C
DT = 30
o
C
DT = 40
o
C
DT = 50
o
C
DT = 60
o
C
DT = 70
o
C
DT = 80
o
C
DT = 90
o
C
Input Voltage (V)
81216202428
0.0
0.1
0.2
0.3
0.4
DT =50°C
DT =60°C
DT =70°C
DT =80°C
DT =90°C
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com