Electronic Components Datasheet Search
  English  ▼

X  

CP080-4065 Datasheet(PDF) 2 Page - Same Sky Devices

Part # CP080-4065
Description  PELTIER MODULE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CP080-4065 Datasheet(HTML) 2 Page - Same Sky Devices

  CP080-4065 Datasheet HTML 1Page - Same Sky Devices CP080-4065 Datasheet HTML 2Page - Same Sky Devices CP080-4065 Datasheet HTML 3Page - Same Sky Devices CP080-4065 Datasheet HTML 4Page - Same Sky Devices CP080-4065 Datasheet HTML 5Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SAME SKY | MODEL: CP080-4065 | DESCRIPTION: PELTIER MODULE
date 12/12/2024 | page 2 of 5
sameskydevices.com
MECHANICAL DRAWING
units: mm
MATERIAL
PLATING
ceramic plate
96% AL
2O3
wire leads
UL3443 18 AWG
tin
sealer
704 silicone sealant (between cold and
hot side plates)
marking
P/N printed on cold side surface
40.0±0.2
125.0±5.0
5.0
III
I
II
Black (-)
Red (+)
6.50±0.20
0.08
0.10
0.08
COLD SIDE
HOT SIDE
COLD SIDE
Additional Resources: Product Page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com