Electronic Components Datasheet Search
  English  ▼

X  

TLP191B Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP191B
Description  GaA?밃s Ired & Photo-Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP191B Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP191B Datasheet HTML 1Page - Toshiba Semiconductor TLP191B Datasheet HTML 2Page - Toshiba Semiconductor TLP191B Datasheet HTML 3Page - Toshiba Semiconductor TLP191B Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLP191B
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo-Diode Array
TLP191B
Telecommunication
Programmable Controllers
Mos Gate Driver
MOS FET Gate Driver
The TOSHIBA mini flat coupler TLP191B is a small outline coupler,
suitable for surface mount assembly.
The TLP191B consists of a GaAℓAs light emitting diode, optically
coupled to a series connected photo diode array with shunt resistor
which is suitable for MOS FET gate drive.
• Open voltage: 7.0V(min.)
• Short current: 24.0 μA (min.)
• Isolation voltage: 2500 Vrms (min.)
• UL recognized: UL1577,file no.E67349
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note) Device considered a two terminal device: Pins 1 and 3 shorted together and pins 4 and 6 shorted together.
Unit in mm
TOSHIBA
11−4C1
Weight: 0.09 g
Pin Configuration(top view)
1 . Anode
3 . Cathode
4 . Cathode
6 . Anode
1
3
6
4
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current
derating (Ta ≥ 25°C)
ΔIF / °C
−0.5
mA / °C
Pulse forward current
(100μs pulse, 100 pps)
IFP
1
A
Reverse voltage
VR
3
V
LED
Junction temperature
Tj
125
°C
Forward current
IFD
50
μA
Reverse voltage
VRD
10
V
Detector
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−40~80
°C
Lead soldering temperature (10s)
Tsol
260
°C
Isolation voltage
(AC, 1 min., R.H. ≤ 60%)
(Note)
BVS
2500
Vrms


Similar Part No. - TLP191B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
TOSHIBA Photocoupler GaAℓAs Ired & Photo-Diode Array
25-Sep-2002
More results

Similar Description - TLP191B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
TOSHIBA Photocoupler GaAℓAs Ired & Photo-Diode Array
25-Sep-2002
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
GaA?밃s IRED Photo IC
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
GaA?밃s IRED Photo IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
GaA?밃s Ired & Photo-IC
TLP190B TOSHIBA-TLP190B_07 Datasheet
166Kb / 5P
Photocoupler GaA?밃s Ired & Photo−Diode Array
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com