Electronic Components Datasheet Search
  English  ▼

X  

TLP191B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP191B
Description  GaA?밃s Ired & Photo-Diode Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP191B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP191B Datasheet HTML 1Page - Toshiba Semiconductor TLP191B Datasheet HTML 2Page - Toshiba Semiconductor TLP191B Datasheet HTML 3Page - Toshiba Semiconductor TLP191B Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLP191B
2007-10-01
2
Recommended Operating Conditions
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Forward current
IF
―
20
25
mA
Operating temperature
Topr
−25
―
85
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Individual Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.2
1.4
1.7
V
Reverse current
IR
VR = 3 V
—
—
10
μA
LED
Capacitance
CT
V = 0, f = 1 MHz
—
30
60
pF
Forward voltage
VFD
IFD = 10 μA
—
7
—
V
Reverse current
IRD
VRD = 10 V
—
7
—
μA
Detector
Capacitance
(anode to cathode)
CTD
V = 0, f = 1 MHz
—
—
—
pF
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
MIn.
Typ.
Max.
Unit
Open voltage
VOC
IF = 20 mA
7
8
—
V
Short current
ISC
IF = 20 mA
24
40
—
μA
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
—
0.8
—
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
5×10
10
10
14
—
Ω
AC, 1 minute
2500
—
—
AC, 1 second in oil
—
5000
—
Vrms
Isolation voltage
BVS
DC, 1 minute in oil
—
5000
—
Vdc
Switching Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Turn
−on time
tON
—
0.2
—
ms
Turn
−off time
tOFF
IF = 20mA, CL = 1000 pF
(Fig.1)
—
3
—
ms
Fig. 1 Switching time test circuit
VOUT
IF
CL
VOUT
IF
0V
1V
5V
tON
tOFF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com