Electronic Components Datasheet Search
  English  ▼

X  

PM50CBS060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM50CBS060
Description  Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (50 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50CBS060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM50CBS060 Datasheet HTML 1Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 2Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 3Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 4Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 5Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
MAXISS Series™
Multi AXIS Servo IPM
50 Amperes/600 Volts
PM50CBS060
1
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
– Over Current
– Under Voltage
– Over Temperature by
On-Chip Temperature
Sensor
□ Low Loss Using
4th Generation
IGBT Chip
Applications:
□ Motion Control
□ Servo Control
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM100CBS060 is a 600V,
100 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
50
060
Dimensions
Inches
Millimeters
A
4.72
120.0
B
1.97
50.0
C
1.18
30.0
D
0.3
7.0
E
4.17
±0.1
106.0
±0.3
F
0.94
23.79
G
0.40
10.16
H
0.34
8.5
J
1.54
39.0
K
0.10
2.5
L
0.10
2.54
M
0.98
25.0
N
5.5 Dia.
Dia 5.5
P
0.28 Rad.
Rad. 7.0
Dimensions
Inches
Millimeters
Q
0.12
3.0
R
0.59
15.0
S
0.75
19.0
T
0.39
10.0
U
0.24
6.0
V
1.10
28.0
W
0.08
2.0
X
0.26
6.5
Y
0.43
11.0
Z
0.04
1.0
AA
0.03
0.64
AB
0.20
5.0
AC
0.35
9.0
Outline Drawing and Circuit Diagram
A
E
D
F
G
G
G
H
B J
K
L (11 TYP.)
M
Y
AA
Z
T
Q
S
S
R
SS
C
U
V
W
X
AC
AB
T
N
P
1. V
WPC
2. W
P
3. V
WP1
4. V
VPC
5. V
P
6. V
P1
7. V
UPC
8. U
P
9. V
UP1
10. V
NC
11. V
N1
12. W
N
13. V
N
14. U
N
15. F
O
TERMINAL CODE
W
LABEL
VU
N
P
14
7
10
15
FO
Rfo
Rfo = 1.5K OHM
VNC WN VN1
VN
NW
V
U
P
UN
VWPC
VVPC
WP
VP
VWP1
VVP1
VUPC
UP VUP1
SI
IN
VCC
GND
GND
OUT OT
SI
IN
VCC
GND
GND
OUT OT
SI
IN
VCC
GND
GND
OUT OT
SI
IN
VCC
GND
GND
OUT OT
SI
IN
VCC
GND
GND
OUT OT
SI
IN
VCC
GND
GND
OUT OT


Similar Part No. - PM50CBS060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CBS060 MITSUBISHI-PM50CBS060 Datasheet
118Kb / 6P
FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50CBS060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CBS060 POWEREX-PM100CBS060 Datasheet
95Kb / 6P
IntellimodModule MAXISS Series??Multi AXIS Servo IPM (100 Amperes/600 Volts)
PM150CBS060 POWEREX-PM150CBS060 Datasheet
95Kb / 6P
Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (150 Amperes/600 Volts)
PM200CBS060 POWEREX-PM200CBS060 Datasheet
94Kb / 6P
Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (200 Amperes/600 Volts)
PM300CBS060 POWEREX-PM300CBS060 Datasheet
95Kb / 6P
Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (300 Amperes/600 Volts)
PM75CBS060 POWEREX-PM75CBS060 Datasheet
94Kb / 6P
Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (75 Amperes/600 Volts)
PS11032 POWEREX-PS11032 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (4 Amperes/600 Volts)
PS11033 POWEREX-PS11033 Datasheet
82Kb / 6P
Intellimod??Module Application Specific IPM (8 Amperes/600 Volts)
PS11034 POWEREX-PS11034 Datasheet
83Kb / 6P
Intellimod??Module Application Specific IPM (15 Amperes/600 Volts)
PS11037 POWEREX-PS11037 Datasheet
89Kb / 6P
Intellimod??Module Application Specific IPM (50 Amperes/600 Volts)
PM52AUBW060 POWEREX-PM52AUBW060 Datasheet
85Kb / 6P
Intellimod Module Active Filter IPM 20 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com