Electronic Components Datasheet Search
  English  ▼

X  

PM50CBS060 Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # PM50CBS060
Description  Intellimod??Module MAXISS Series??Multi AXIS Servo IPM (50 Amperes/600 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM50CBS060 Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  PM50CBS060 Datasheet HTML 1Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 2Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 3Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 4Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 5Page - Powerex Power Semiconductors PM50CBS060 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PM50CBS060
Intellimod™ Module
MAXISS Series™, Multi AXIS Servo IPM
50 Amperes/600 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector-Emitter Cutoff Current
ICES
VCE = VCES, VD = 15V, Tj = 25°C
——
1.0
mA
VCE = VCES, VD = 15V, Tj = 125°C
——
10
mA
Diode Forward Voltage
VEC
-IC = 50A, VD = 15V, VCIN = 15V
—
2.2
3.3
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 50A,
—
1.7
2.3
Volts
Tj = 25°C
VD = 15V, VCIN = 0V, IC = 50A,
—
1.7
2.3
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.8
1.2
2.4
µS
trr
VD = 15V, VCIN = 0 ~ 15V,
—
0.15
0.3
µS
tC(on)
VCC = 300V, IC = 50A,
—
0.4
1.0
µS
toff
Tj = 125°C, Inductive Load
—
2.4
3.3
µS
tC(off)
—
0.5
1.0
µS
Control Sector
Over Current Trip Level
OC
Tj = -20°C, VD = 15V
——
180
Amperes
Tj = 25°C, VD = 15V
85
110
150
Amperes
Tj = 125°C, VD = 15V
65
——
Amperes
Short Circuit Trip Level
SC
-20
°C ≤ Tj ≤ 125°C, VD = 15V
—
132
—
Amperes
Over Current Delay Time
toff(OC)
VD = 15V
—
10
—
µS
Over Temperature Protection
OT
Trip Level
135
145
155
°C
(Detect Tj of IGBT Chip)
OTR
Reset Level
—
125
—
°C
Supply Circuit Under Voltage Protection
UV
Trip Level
11.5
12.0
12.5
Volts
(-20
≤ Tj ≤ 125°C)
UVR
Reset Level
—
12.5
—
Volts
Circuit Current
ID
VD = 15V, VCIN = 15V, VN1-VNC
—
40
60
mA
VD = 15V, VCIN = 15V, VXP1-VXPC
—
13
18
mA
Input ON Threshold Voltage
Vth(on)
Applied between UP-VUPC, VP-VVPC,
1.2
1.5
1.8
Volts
Input OFF Threshold Voltage
Vth(off)
WP-VWPC, UN, VN, WN-VNC
1.7
2.0
2.3
Volts
Fault Output Current
IFO(H)
VD = 15V, VFO = 15V
——
0.01
mA
IFO(L)
VD = 15V, VFO = 15V
—
10
15
mA
Minimum Fault Output Pulse Width
tFO
VD = 15V
1.0
1.8
—
mS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com