Electronic Components Datasheet Search
  English  ▼

X  

TC74HC107AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC107AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC107AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC107AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC107AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC107AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC107AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC107AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC107AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC107AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC107AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC107AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74HC107AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC107AP,TC74HC107AF,TC74HC107AFN
Dual J-K Flip Flop with Clear
The TC74HC107A is a high speed CMOS DUAL J-K FLIP
FLOP fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
In accordance with the logic levels applied to the J and K
inputs, the outputs change state on the negative going transition
of the clock pulse.
CLR is independent of the clock and is accomplished by a low
logic level on the input.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 75 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS107
Pin Assignment
IEC Logic Symbol
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC107AP
TC74HC107AF
TC74HC107AFN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74HC107AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC107AF TOSHIBA-TC74HC107AF Datasheet
281Kb / 7P
DUAL J - K FLIP FLOP WITH CLEAR
TC74HC107AFN TOSHIBA-TC74HC107AFN Datasheet
281Kb / 7P
DUAL J - K FLIP FLOP WITH CLEAR
More results

Similar Description - TC74HC107AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC107 STMICROELECTRONICS-M54HC107 Datasheet
248Kb / 11P
DUAL J-K FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74HC107AF TOSHIBA-TC74HC107AF Datasheet
281Kb / 7P
DUAL J - K FLIP FLOP WITH CLEAR
TC74AC109P TOSHIBA-TC74AC109P Datasheet
312Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P_07 Datasheet
313Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC174P TOSHIBA-TC74AC174P_07 Datasheet
272Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Hex D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_07 Datasheet
274Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT112P TOSHIBA-TC74ACT112P Datasheet
311Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74ACT175P TOSHIBA-TC74ACT175P_07 Datasheet
309Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad D-Type Flip Flop with Clear
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com